Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMB100A6 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PTMB100A6
Description  IGBT MODULE Six-Pack 100A 600V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PTMB100A6 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PTMB100A6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PTMB100A6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PTMB100A6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IGBT MODULE
MODULE
MODULE
MODULE Six
Six
Six
Six----Pack 100A 600V
Pack 100A 600V
Pack 100A 600V
Pack 100A 600V
PTMB100A6
PTMB100A6
PTMB100A6
PTMB100A6
CIRCUIT
OUTLINE DRAWING
MAXMUM RATINGS (Tc=25°C)
Item
Symbol
PTMB100A6
Unit
Collector-EmitterVoltage
VCES
600
V
Gate -EmitterVoltage
VGES
+/ - 20
V
DC
IC
100
CollectorCurrent
1 ms
ICP
200
A
CollectorPowerDissipation
PC
400
W
Junction Temperature Range
Tj
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isolation Voltage Terminal to Base AC, 1 min.)
VISO
2500
V
Module Base to Heatsink
2
MountingTorque
Bus Bar to Main Terminals
FTOR
1.4
N
•m
ELECTRICAL CHARACTERISTICS (Tc=25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-EmitterCut-OffCurrent
ICES
VCE=600V,VGE=0V
-
-
1.0
mA
Gate-EmitterLeakage Current
IGES
VGE=+/- 20V,VCE=0V
-
-
1.0
µA
Collector-EmitterSaturation Voltage
VCE(sat)
IC=100A,VGE=15V
-
2.1
2.6
V
Gate-EmitterThresholdVoltage
VGE(th)
VCE=5V,IC=100mA
4.0
-
8.0
V
InputCapacitance
Cies
VCE=10V,VGE=0V,f=1MHz
-
10000
-
pF
Rise Time
tr
-
0.15
0.3
Turn-on Time
ton
-
0.25
0.4
Fall Time
tf
-
0.2
0.35
SwitchingTime
Turn-off Time
toff
VCC=300V
RL= 3 ohm
RG= 7.5 ohm
VGE=+/- 15V
-
0.45
0.7
µs
FREE WHEELING DIODES RATINGS & CHARACTERISTICS (Tc=25°C)
Item
Symbol
Rated Value
Unit
DC
IF
100
ForwardCurrent
1 ms
IFM
200
A
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
PeakForward Voltage
VF
IF=100A,VGE=0V
-
1.9
2.4
V
Reverse RecoveryTime
trr
IF=100A,VGE=-10V,di/dt=100A/
µs
-
0.15
0.25
µs
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IGBT
-
-
0.31
Thermal Impedance
DIODE
Rth(j-c)
Junction to Case
-
-
0.65
°C/W
12-fasten-tabNo110
Dimension(mm)
Approximate Weight:550g


Similar Part No. - PTMB100A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PTMB100A6C NIEC-PTMB100A6C Datasheet
66Kb / 1P
   IGBT SP series Six-Pack 100A 600V
More results

Similar Description - PTMB100A6

ManufacturerPart #DatasheetDescription
logo
MacMic
MMG100W060X6EN MACMIC-MMG100W060X6EN Datasheet
340Kb / 6P
   600V 100A Six-Pack Module
logo
Nihon Inter Electronics...
PTMB100B12 NIEC-PTMB100B12 Datasheet
131Kb / 3P
   IGBT MODULE Six-Pack 100A 1200V
PTMB100A6C NIEC-PTMB100A6C Datasheet
66Kb / 1P
   IGBT SP series Six-Pack 100A 600V
PTMB75A6 NIEC-PTMB75A6 Datasheet
124Kb / 3P
   IGBT MODULE Six-Pack 75A 600V
PTMB50A6 NIEC-PTMB50A6 Datasheet
111Kb / 3P
   IGBT MODULE Six-Pack 50A 600V
PTMB150A6 NIEC-PTMB150A6 Datasheet
125Kb / 3P
   IGBT MODULE Six-Pack 150A 600V
logo
MacMic
MMG100W120X6TC MACMIC-MMG100W120X6TC Datasheet
1Mb / 6P
   1200V 100A Six-Pack Module
MMG100W120X6TN MACMIC-MMG100W120X6TN Datasheet
509Kb / 6P
   1200V 100A Six-Pack Module
MMGT100W120X6C MACMIC-MMGT100W120X6C Datasheet
509Kb / 6P
   1200V 100A Six-Pack Module
logo
Nihon Inter Electronics...
PTMB50E6C NIEC-PTMB50E6C Datasheet
320Kb / 4P
   IGBT Module-Six Pack
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com