Electronic Components Datasheet Search |
|
T496X227K004CC651B Datasheet(PDF) 5 Page - Kemet Corporation |
|
T496X227K004CC651B Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 61 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com TC111_SPACE • 4/14/2014 5 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2025_T493_SPACE • 4/14/2014 1 One world. One KEMET Benefits • Standard case sizes A-X per EIA 535BAAC • Termination finishes options per MIL–PRF–55365: Gold Plated B, Hot Solder Dipped C, Solder Plated H, Solder Fused K • Weibull Grading C (0.01%/1,000 hours) • Surge current testing available per MIL–PRF–55365: 10 cycles @ 25˚C, 10 cycles @ -55˚C and +85˚C • Standard and low ESR options available • Operating temperature range of -55˚C to +125˚C • Capacitance values of 0.1 μF to 330 μF • Voltage rating of 4 – 50 VDC Overview KEMET's Space Grade Series of capacitors are suitable for use by defense/aerospace customers in high reliability space applications. This series meets the requirements of MIL–PRF–55365 as well as MIL–STD–1580. These capacitors incorporate an intensive testing and screening protocol which is customizable depending upon customer's specific needs. The full part number allows for designation of Weibull grading level (B=0.1%/k hours or C=0.01%/k hours), surge current level (10 cycles -55°C and +85°C before and/or after Weibull grading), performance testing level (see chart for details on available options), ESR (low and standard), and termination finish (see description in each series). Fused versions are available for built-in circuit protection, as well as multi-anode designs for very low ESR values. High Reliability COTS (CWR11 Style) T493 Series COTS Space Grade Environmental Compliance RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder. Applications Typical applications include decoupling and filtering in defense and aerospace applications. |
Similar Part No. - T496X227K004CC651B |
|
Similar Description - T496X227K004CC651B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |