Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP130Q411A Datasheet(PDF) 21 Page - RICOH electronics devices division

Part # RP130Q411A
Description  LOW NOISE 150mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP130Q411A Datasheet(HTML) 21 Page - RICOH electronics devices division

Back Button RP130Q411A Datasheet HTML 17Page - RICOH electronics devices division RP130Q411A Datasheet HTML 18Page - RICOH electronics devices division RP130Q411A Datasheet HTML 19Page - RICOH electronics devices division RP130Q411A Datasheet HTML 20Page - RICOH electronics devices division RP130Q411A Datasheet HTML 21Page - RICOH electronics devices division RP130Q411A Datasheet HTML 22Page - RICOH electronics devices division RP130Q411A Datasheet HTML 23Page - RICOH electronics devices division RP130Q411A Datasheet HTML 24Page - RICOH electronics devices division RP130Q411A Datasheet HTML 25Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
RP130x
NO.EA-173-131031
21
RP130x501x
04
5
3
2
16
Input Voltage VIN (V)
0
6
5
4
3
2
1
IOUT=1mA
IOUT=30mA
IOUT=50mA
3) Supply Current vs. Input Voltage (C1
=0.47μF, C2=0.47μF, Topt=25°C)
RP130x121x
RP130x281x
04
5
3
2
16
Input Voltage VIN (V)
0
50
40
30
20
10
04
5
3
2
16
Input Voltage VIN (V)
0
50
40
30
20
10
RP130x501x
04
5
3
2
16
Input Voltage VIN (V)
0
50
40
30
20
10


Similar Part No. - RP130Q411A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130Q411A RICOH-RP130Q411A Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
More results

Similar Description - RP130Q411A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com