Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50MU335MD15750 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 50MU335MD15750
Description  POLYMER MULTI-LAYER CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50MU335MD15750 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  50MU335MD15750 Datasheet HTML 1Page - RUBYCON CORPORATION 50MU335MD15750 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Size Code Conversion
POLYMER MULTI-LAYER CAPACITORS
◆DIMENSIONS
W±0.3
(±0.15)
*
(mm)
H±0.2
(±0.15)
*
L±0.3
(±0.2)
*
□:Tolerance
MU
16
25
35
50
63
◆STANDARD SIZE
Rated Voltage
(Vdc)
Capacitance
(μF)
Part No.
Size
L
(mm)
W
(mm)
H
(mm)
mm
inch
1608
2012
3216
3225
4532
5750
0603
0805
1206
1210
1812
2220
0.4±0.3
(0.32±0.2)
*
*:Dimensions tolerance of 1608 size
Outer Electrode
100
Rated Voltage
(Vdc)
Capacitance
(μF)
Part No.
Size
L
(mm)
W
(mm)
H
(mm)
0.00010
0.00015
0.00022
0.00033
0.00047
0.00068
0.0010
0.0015
0.0022
0.0033
0.0047
0.0068
0.010
0.015
0.022
0.033
0.047
0.068
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
0.0010
0.0015
0.0022
0.0033
0.0047
0.0068
0.010
0.015
0.022
0.033
0.047
0.068
0.10
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
3.2
3.2
3.2
3.2
3.2
3.2
3.2
4.5
4.5
4.5
5.7
5.7
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.6
1.6
1.6
1.6
1.6
2.5
2.5
3.2
3.2
3.2
5.0
5.0
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
2.5
2.5
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.4
1.4
1.8
1.4
1.8
2.6
1.8
2.6
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.4
1.4
1.8
63MU101□Z12012
63MU151□Z12012
63MU221□Z12012
63MU331□Z12012
63MU471□Z12012
63MU681□Z12012
63MU102□Z12012
63MU152□Z12012
63MU222□Z12012
63MU332□Z12012
63MU472□Z12012
63MU682□Z12012
63MU103□Z12012
63MU153□Z12012
63MU223□Z12012
63MU333□Z22012
63MU473□A13216
63MU683□A13216
63MU104□A13216
63MU154□A13216
63MU224□A23216
63MU334□B13225
63MU474□B23225
63MU684□C14532
63MU105□C24532
63MU155□C44532
63MU225□D15750
63MU335□D35750
100MU102□A13216
100MU152□A13216
100MU222□A13216
100MU332□A13216
100MU472□A13216
100MU682□A13216
100MU103□A13216
100MU153□A13216
100MU223□A13216
100MU333□A13216
100MU473□A23216
100MU683□B13225
100MU104□B23225
0.047
0.15
0.22
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
0.033
0.10
0.15
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
0.015
0.022
0.047
0.068
0.10
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
0.00010
0.00015
0.00022
0.00033
0.00047
0.00068
0.0010
0.0015
0.0022
0.0033
0.0047
0.0068
0.010
0.033
0.047
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
1.6
2.0
2.0
3.2
3.2
3.2
3.2
4.5
4.5
4.5
5.7
5.7
1.6
2.0
2.0
3.2
3.2
3.2
3.2
4.5
4.5
4.5
5.7
5.7
1.6
1.6
2.0
2.0
2.0
3.2
3.2
3.2
3.2
4.5
4.5
4.5
5.7
5.7
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
2.0
2.0
3.2
3.2
3.2
3.2
3.2
3.2
4.5
4.5
4.5
5.7
5.7
0.8
1.25
1.25
1.6
1.6
2.5
2.5
3.2
3.2
3.2
5.0
5.0
0.8
1.25
1.25
1.6
1.6
2.5
2.5
3.2
3.2
3.2
5.0
5.0
0.8
0.8
1.25
1.25
1.25
1.6
1.6
2.5
2.5
3.2
3.2
3.2
5.0
5.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.25
1.25
1.6
1.6
1.6
1.6
2.5
2.5
3.2
3.2
3.2
5.0
5.0
0.65
1.0
1.0
1.4
1.4
1.8
2.0
1.4
1.8
2.6
1.8
2.6
0.65
1.0
1.0
1.4
1.4
2.0
1.8
1.4
1.8
2.6
1.8
2.6
0.65
0.65
1.0
0.8
1.0
1.0
1.4
1.4
2.0
1.4
1.8
2.6
1.8
2.6
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
1.0
1.0
1.0
1.0
1.0
1.4
1.4
1.8
1.4
1.8
2.6
1.8
2.6
16MU473□Y11608
16MU154□Z22012
16MU224□Z22012
16MU105□A23216
16MU155□A23216
16MU225□B23225
16MU335□B33225
16MU475□C14532
16MU685□C24532
16MU106□C44532
16MU156□D15750
16MU226□D35750
25MU333□Y11608
25MU104□Z22012
25MU154□Z22012
25MU684□A23216
25MU105□A23216
25MU155□B33225
25MU225□B23225
25MU335□C14532
25MU475□C24532
25MU685□C44532
25MU106□D15750
25MU156□D35750
35MU153□Y11608
35MU223□Y11608
35MU473□Z22012
35MU683□Z12012
35MU104□Z22012
35MU474□A13216
35MU684□A23216
35MU105□B13225
35MU155□B33225
35MU225□C14532
35MU335□C24532
35MU475□C44532
35MU685□D15750
35MU106□D35750
50MU101□Y11608
50MU151□Y11608
50MU221□Y11608
50MU331□Y11608
50MU471□Y11608
50MU681□Y11608
50MU102□Y11608
50MU152□Y11608
50MU222□Y11608
50MU332□Y11608
50MU472□Y11608
50MU682□Y11608
50MU103□Y11608
50MU333□Z22012
50MU473□Z22012
50MU104□A13216
50MU154□A13216
50MU224□A13216
50MU334□A23216
50MU474□B13225
50MU684□B23225
50MU105□C14532
50MU155□C24532
50MU225□C44532
50MU335□D15750
50MU475□D35750
Our website offers the SPICE model (netlist) of PMLCAP® as the data for simulations. Please make use of various circuit design.


Similar Part No. - 50MU335MD15750

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
50MU104MA13216 RUBYCON-50MU104MA13216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU473MZ22012 RUBYCON-50MU473MZ22012 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
More results

Similar Description - 50MU335MD15750

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50ST335MD15750 RUBYCON-50ST335MD15750 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
16ST335MB33225 RUBYCON-16ST335MB33225 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
16MU224MZ22012 RUBYCON-16MU224MZ22012 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
16MU225MB23225 RUBYCON-16MU225MB23225 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
35MU684MA23216 RUBYCON-35MU684MA23216 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
50ST684MB23225 RUBYCON-50ST684MB23225 Datasheet
169Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
MU RUBYCON-MU Datasheet
200Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
16MU156MD15750 RUBYCON-16MU156MD15750 Datasheet
198Kb / 2P
   POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com