Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH7322 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH7322
Description  Dual 700 ps High Speed Comparator with RSPECL Outputs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH7322 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH7322 Datasheet HTML 6Page - Texas Instruments LMH7322 Datasheet HTML 7Page - Texas Instruments LMH7322 Datasheet HTML 8Page - Texas Instruments LMH7322 Datasheet HTML 9Page - Texas Instruments LMH7322 Datasheet HTML 10Page - Texas Instruments LMH7322 Datasheet HTML 11Page - Texas Instruments LMH7322 Datasheet HTML 12Page - Texas Instruments LMH7322 Datasheet HTML 13Page - Texas Instruments LMH7322 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
-0.05
-0.03
-0.01
0.01
0.03
0.05
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
DIFFERENTIAL INPUT VOLTAGE (V)
VCM = 300 mV
TEMP = 25°C
VS = 5V
RHYS = 32 k:
RHYS = 0
0
= VHYS+
= VHYS-
0
5
10
15
20
25
30
35
HYSTERESIS RESISTOR (k:)
0
10
20
30
40
50
60
70
VCM = 300 mV
TEMP = 25°C
VS = 2.7V, 5V,12V
VHYS = V(HYS+) - V(HYS-)
LMH7322
SNOSAU8I – MARCH 2007 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
At TJ = 25°C; VCCI = +5V; VCCO = +3.3V; VEE = −5V; unless otherwise specified.
Output Voltage vs. Input Voltage
Hysteresis Voltage vs. Hysteresis Resistor
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMH7322


Similar Part No. - LMH7322

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH7322 NSC-LMH7322 Datasheet
574Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7322 NSC-LMH7322 Datasheet
577Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
LMH7322 TI1-LMH7322 Datasheet
945Kb / 33P
[Old version datasheet]   Dual 700 ps High Speed Comparator with RSPECL Outputs
logo
National Semiconductor ...
LMH7322SQ NSC-LMH7322SQ Datasheet
574Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7322SQ NSC-LMH7322SQ Datasheet
577Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
More results

Similar Description - LMH7322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH7322 TI1-LMH7322_14 Datasheet
945Kb / 33P
[Old version datasheet]   Dual 700 ps High Speed Comparator with RSPECL Outputs
logo
National Semiconductor ...
LMH7322_0811 NSC-LMH7322_0811 Datasheet
577Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7322 NSC-LMH7322_08 Datasheet
574Kb / 24P
   Dual 700 ps High Speed Comparator with RSPECL Outputs
LMH7324 NSC-LMH7324 Datasheet
489Kb / 20P
   Quad 700 PS High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
LMH7324 TI1-LMH7324_14 Datasheet
1,023Kb / 30P
[Old version datasheet]   Quad 700 ps High Speed Comparator with RSPECL Outputs
logo
National Semiconductor ...
LMH7324_0710 NSC-LMH7324_0710 Datasheet
489Kb / 20P
   Quad 700 ps High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
LMH7324 TI1-LMH7324 Datasheet
979Kb / 30P
[Old version datasheet]   Quad 700 ps High Speed Comparator with RSPECL Outputs
logo
National Semiconductor ...
LMH7324 NSC-LMH7324_08 Datasheet
491Kb / 20P
   Quad 700 ps High Speed Comparator with RSPECL Outputs
logo
Texas Instruments
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
[Old version datasheet]   TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
[Old version datasheet]   TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com