Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8860BQVFPRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP8860BQVFPRQ1
Description  Low-EMI Automotive LED Driver With Four 150-mA Channels
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8860BQVFPRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8860BQVFPRQ1 Datasheet HTML 3Page - Texas Instruments LP8860BQVFPRQ1 Datasheet HTML 4Page - Texas Instruments LP8860BQVFPRQ1 Datasheet HTML 5Page - Texas Instruments LP8860BQVFPRQ1 Datasheet HTML 6Page - Texas Instruments LP8860BQVFPRQ1 Datasheet HTML 7Page - Texas Instruments LP8860BQVFPRQ1 Datasheet HTML 8Page - Texas Instruments LP8860BQVFPRQ1 Datasheet HTML 9Page - Texas Instruments LP8860BQVFPRQ1 Datasheet HTML 10Page - Texas Instruments LP8860BQVFPRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
7
LP8860-Q1
www.ti.com
SNVSA21F – MAY 2014 – REVISED JULY 2017
Product Folder Links: LP8860-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 165°C (typical) and
disengages at TJ = 135°C (typical).
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
150°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX ).
(5)
For detailed soldering specifications and information, refer to PowerPAD™ Thermally Enhanced Package Application Note .
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Voltage on pins VSENSE_N, VSENSE_P, OUT1 to OUT4, FB, SD
–0.3
52
V
Voltage on pins VDD, FILTER, SYNC, VSYNC, PWM, SCLK/SCL, MOSI/SDA, MISO, NSS,
VDDIO/EN, IF, ISENSE, ISENSE_GND, FAULT, ISET, TSENSE, C1N
–0.3
6
V
Voltage on pins C1P, CPUMP, GD, SQW
–0.3
12
V
Continuous power dissipation(3)
Internally Limited
Ambient temperature, TA
(4)
–40
125
°C
Junction temperature, TJ
(4)
–40
150
°C
Maximum lead temperature (soldering)
See(5)
°C
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
All pins
±500
Corner pins
(1,8,9,16,17,24,25,32)
±750
(1)
All voltages are with respect to the potential at the GND pins.
7.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage on pins VSENSE_N, VSENSE_P
3
48
V
VDD input voltage
3
5.5
V
VDDIO/EN input voltage
1.65
VDD
V
Voltage on pins FILTER, ISENSE, ISENSE_GND, ISET, TSENSE, C1N
0
5.5
V
FAULT, PWM, SCLK/SCL, MOSI/SDA, NSS, IF, SYNC, MISO, VSYNC
0
VDDIO
V
Voltage on pins C1P, CPUMP, GD, SQW
0
11
V
Voltage on pins OUT1 to OUT4, FB, SD
0
48
V


Similar Part No. - LP8860BQVFPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860BQVFPRQ1 TI1-LP8860BQVFPRQ1 Datasheet
1Mb / 112P
[Old version datasheet]   Low-EMI, High-Performance 4-Channel LED Driver for Automotive Lighting
LP8860BQVFPRQ1 TI1-LP8860BQVFPRQ1 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
More results

Similar Description - LP8860BQVFPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
TPS61194-Q1 TI1-TPS61194-Q1_16 Datasheet
714Kb / 10P
[Old version datasheet]   TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866S-Q1 TI-LP8866S-Q1_V01 Datasheet
3Mb / 82P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com