Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8860NQVFPRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP8860NQVFPRQ1
Description  Low-EMI Automotive LED Driver With Four 150-mA Channels
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8860NQVFPRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8860NQVFPRQ1 Datasheet HTML 5Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 6Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 7Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 8Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 9Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 10Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 11Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 12Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
9
LP8860-Q1
www.ti.com
SNVSA21F – MAY 2014 – REVISED JULY 2017
Product Folder Links: LP8860-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Current Sinks Electrical Characteristics (continued)
Limits apply over the full ambient temperature range –40°C
≤ TA ≤ +125°C. Unless otherwise specified: VDD = 3.3 V, VIN = 12
V, EN/VDDIO = 3.3 V, L = 22 μH, CIN = 2 × 10 μF ceramic and 33 μF electrolytic, COUT = 2 × 10 μF ceramic and 33 μF
electrolytic, CVDD = 1 μF, CCPUMP = 10 μF, Q = IPD25N06S4L-30-ND, D = SS5P10-M3/86A.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at 1 V.
ƒPWM
PWM input frequency
BRT_MODE[1:0] = 00, 01 and 10
100
500
Hz
tPWM MIN
Minimum on and off time for
PWM input
400
ns
IDIM
Dimming ratio (input
resolution)
External 100 Hz PWM
13 000:1
SPI or I2C control
16
bit
PWMRES
PWM output resolution, PWM
control for BRT_MODE[1:0] =
00, 01, and 10 (without
dithering)
ƒLED_PWM = 5 kHz, ƒOSC = 5 MHz
10
bits
ƒLED_PWM= 10 kHz, ƒOSC = 5 MHz
9
ƒLED_PWM = 20 kHz, ƒOSC = 5 MHz
8
ƒLED_PWM = 40 kHz, ƒOSC = 5 MHz
7
ƒLED_PWM = 5 kHz, ƒOSC = 40 MHz
13
ƒLED_PWM = 10 kHz, ƒOSC = 40 MHz
12
ƒLED_PWM = 20 kHz, ƒOSC = 40 MHz
11
ƒLED_PWM = 40 kHz, ƒOSC = 40 MHz
10
ΔIOUT
Individual output current
adjustment range
DRV_OUTx_CORR[3:0] = 1111
–7.4%
DRV_OUTx_CORR[3:0] = 0000
6.5%
VSAT
Saturation voltage(2)
IOUT = 150 mA
0.5
0.75
V
VSHORT_FAULT_THR LED short detection threshold
DRV_LED_FAULT_THR[1:0] = 00
3.6
V
DRV_LED_FAULT_THR[1:0] = 01
3.6
DRV_LED_FAULT_THR[1:0] = 10
6.9
DRV_LED_FAULT_THR[1:0] = 11
10.6
(1)
Start-up time is measured from the moment the boost is activated until the VOUT crosses 90% of its initial voltage value.
7.7 Boost Converter Characteristics
Limits apply over the full ambient temperature range – 40°C
≤ TA ≤ +125°C. Unless otherwise specified: VDD = 3.3 V, VIN = 12
V, EN/VDDIO = 3.3 V, L = 22 μH, CIN = 2 × 10 μF ceramic and 33-μF electrolytic, COUT = 2 × 10 μF ceramic and 33-μF
electrolytic, CVDD = 1 μF, CCPUMP = 10 μF, Q = IPD25N06S4L-30-ND, D = SS5P10-M3/86A.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILOAD
Maximum continuous load
current
VIN = 6 V, VBOOST = 48 V (ƒSW = 303 kHz)
600
mA
VIN = 3 V, VBOOST = 30 V (ƒSW = 1.1 MHz)
150
VIN = 3 V, VBOOST = 30 V (ƒSW = 2.2 MHz)
100
VOUT/VIN
Conversion ratio
10
ƒSW
Switching frequency (central
frequency if spread spectrum
is enabled)
BOOST_FREQ = 000
BOOST_FREQ = 001
BOOST_FREQ = 010
BOOST_FREQ = 011
BOOST_FREQ = 100
BOOST_FREQ = 101
BOOST_FREQ = 110
BOOST_FREQ = 111
–7%
100
200
303
400
629
800
1100
2200
7%
kHz
tBOOST
START-UP
Start-up time (1)
50
ms


Similar Part No. - LP8860NQVFPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1 Datasheet
1Mb / 112P
[Old version datasheet]   Low-EMI, High-Performance 4-Channel LED Driver for Automotive Lighting
LP8860-Q1 TI1-LP8860-Q1 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860AQVFPRQ1 TI1-LP8860AQVFPRQ1 Datasheet
1Mb / 112P
[Old version datasheet]   Low-EMI, High-Performance 4-Channel LED Driver for Automotive Lighting
LP8860AQVFPRQ1 TI1-LP8860AQVFPRQ1 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
More results

Similar Description - LP8860NQVFPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
TPS61194-Q1 TI1-TPS61194-Q1_16 Datasheet
714Kb / 10P
[Old version datasheet]   TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866S-Q1 TI-LP8866S-Q1_V01 Datasheet
3Mb / 82P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com