Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8860NQVFPRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP8860NQVFPRQ1
Description  Low-EMI Automotive LED Driver With Four 150-mA Channels
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8860NQVFPRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8860NQVFPRQ1 Datasheet HTML 6Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 7Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 8Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 9Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 10Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 11Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 12Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 13Page - Texas Instruments LP8860NQVFPRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
10
LP8860-Q1
SNVSA21F – MAY 2014 – REVISED JULY 2017
www.ti.com
Product Folder Links: LP8860-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Boost Converter Characteristics (continued)
Limits apply over the full ambient temperature range – 40°C
≤ TA ≤ +125°C. Unless otherwise specified: VDD = 3.3 V, VIN = 12
V, EN/VDDIO = 3.3 V, L = 22 μH, CIN = 2 × 10 μF ceramic and 33-μF electrolytic, COUT = 2 × 10 μF ceramic and 33-μF
electrolytic, CVDD = 1 μF, CCPUMP = 10 μF, Q = IPD25N06S4L-30-ND, D = SS5P10-M3/86A.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IMAX
SW current limit
RSENSE = 25 mΩ
A
BOOST_IMAX_SEL=000
BOOST_IMAX_SEL=001
BOOST_IMAX_SEL=010
BOOST_IMAX_SEL=011
BOOST_IMAX_SEL=100
BOOST_IMAX_SEL=101
BOOST_IMAX_SEL=110
BOOST_IMAX_SEL=111
2
3
4
5
6
7
8
9
VGD
Gate driver output voltage
0
11
V
IGD_SOURCE_
PEAK
Gate driver peak current,
sourcing
BOOST_DRIVER_SIZE[1:0] = 11
BOOST_GD_VOLT = 1
VDD= 5 V, VCPUMP = 10 V
FET SQ4850EY
1.7
A
IGD_SINK_PEA
K
Gate driver peak current,
sinking
1.5
7.8 Logic Interface Characteristics
VDDIO/EN = 1.65 V to VDD, VDD = 3.3 V unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUT VDDIO/EN
VIL
Input low level
0.4
V
VIH
Input high level
1.2
II
Input current
−1
1
µA
LOGIC INPUT SYNC, VSYNC, PWM, SCLK/SCL, MOSI/SDA, NSS, IF
VIL
Input low level
0.2 ×
VDDIO/EN
V
VIH
Input high level
0.8 × VDDIO/EN
II
Input current
−1
1
μA
LOGIC OUTPUT FAULT
VOL
Output low level
I = 3 mA
0.3
0.5
V
ILEAKAGE
Output leakage current
V = 5.5 V
1
μA
LOGIC OUTPUT MISO
VOL
Output low level
IOUT = 3 mA
0.3
0.5
V
VOH
Output high level
IOUT = –2 mA
0.7 × VDDIO/EN
0.9 ×
VDDIO/EN
IL
Output leakage current
1
μA
LOGIC OUTPUTS SDA
VOL
Output low level
I = 3 mA
0.3
0.5
V
ILEAKAGE
Output leakage current
V = 5.5 V
1
μA
7.9 VIN Undervoltage Protection (VIN_UVLO)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVLO
VIN UVLO threshold voltage
UVLO[1:0] = 00
Disabled
V
UVLO[1:0] = 01
2.64
3
3.36
UVLO[1:0] = 10
4.4
5
5.6
UVLO[1:0] = 11
7.04
8
8.96


Similar Part No. - LP8860NQVFPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1 Datasheet
1Mb / 112P
[Old version datasheet]   Low-EMI, High-Performance 4-Channel LED Driver for Automotive Lighting
LP8860-Q1 TI1-LP8860-Q1 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
LP8860AQVFPRQ1 TI1-LP8860AQVFPRQ1 Datasheet
1Mb / 112P
[Old version datasheet]   Low-EMI, High-Performance 4-Channel LED Driver for Automotive Lighting
LP8860AQVFPRQ1 TI1-LP8860AQVFPRQ1 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
More results

Similar Description - LP8860NQVFPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8860-Q1 TI1-LP8860-Q1_16 Datasheet
740Kb / 10P
[Old version datasheet]   Low-EMI Automotive LED Driver With Four 150-mA Channels
TPS61194-Q1 TI1-TPS61194-Q1_16 Datasheet
714Kb / 10P
[Old version datasheet]   TPS61194-Q1 Low-EMI Automotive LED Driver With Four 100-mA Channels
LP8864S-Q1 TI-LP8864S-Q1_V01 Datasheet
3Mb / 86P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight Driver with Four 150-mA Channels
LP8864S-Q1 TI-LP8864S-Q1 Datasheet
1Mb / 76P
[Old version datasheet]   LP8864S-Q1 Automotive Display LED-backlight with Four 150-mA Channels
LP8863-Q1 TI1-LP8863-Q1 Datasheet
402Kb / 9P
[Old version datasheet]   Automotive Display LED-Backlight Driver With Six 150-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
LP8864-Q1 TI-LP8864-Q1_V02 Datasheet
3Mb / 89P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V03 Datasheet
3Mb / 94P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8864-Q1 TI-LP8864-Q1_V01 Datasheet
4Mb / 91P
[Old version datasheet]   LP8864-Q1 Automotive Display LED-backlight Driver with Four 200-mA Channels
LP8866S-Q1 TI-LP8866S-Q1_V01 Datasheet
3Mb / 82P
[Old version datasheet]   LP8866S-Q1 Automotive Display LED-backlight Driver with Six 150-mA Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com