Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS16C2552-C Datasheet(PDF) 5 Page - Texas Instruments

Part # NS16C2552-C
Description  Dual Independent UART
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NS16C2552-C Datasheet(HTML) 5 Page - Texas Instruments

  NS16C2552-C Datasheet HTML 1Page - Texas Instruments NS16C2552-C Datasheet HTML 2Page - Texas Instruments NS16C2552-C Datasheet HTML 3Page - Texas Instruments NS16C2552-C Datasheet HTML 4Page - Texas Instruments NS16C2552-C Datasheet HTML 5Page - Texas Instruments NS16C2552-C Datasheet HTML 6Page - Texas Instruments NS16C2552-C Datasheet HTML 7Page - Texas Instruments NS16C2552-C Datasheet HTML 8Page - Texas Instruments NS16C2552-C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
NS16C2552, NS16C2752
www.ti.com
SNLS238D – AUGUST 2006 – REVISED APRIL 2013
Signal
PLCC
TQFP
Type
Description
Name
Pin #
Pin #
RI1
I
43
41
UART Ring-detector:
RI2
31
27
When low, RI indicates that a telephone ringing is active. The RI signal is a MODEM status input
and can be read for the appropriate channel in MSR[6]. This bit reflects the complement of the RI
signal. MSR[2] indicates whether the RI input signal has changed state from low to high since the
previous reading of the MSR.
Note: Whenever the RI bit of the MSR changes from a high to a low state, an interrupt is
generated if the MODEM Status Interrupt is enabled.
MF1
O
35
32
UART Multi-function Pin:
MF2
19
14
MF can be programmed for any one of three signal functions OUT2, BAUDOUT or RXRDY. Bits 2
and 1 of the Alternate Function Register select which output signal will be present on this pin.
OUT2 is the default signal and it is selected immediately after master reset or power-up.
The OUT2 can be set active low by programming bit 3 (OUT2) of the MCR to a logic 1. A Master
Reset operation sets this signal to its inactive (high) state. Loop Mode holds this signal in its
inactive state.
The BAUDOUT signal is the 16X clock output that drives the transmitter and receiver logic of the
associated serial channel. This signal is the result of the XIN clock divided by the value in the
Divisor Latch Registers. The BAUDOUT signal for each channel is internally connected to provide
the receiver clock (formerly RCLK on the PC16550D).
The RXRDY signal can be used to request a DMA transfer of data from the RCVR FIFO. Details
regarding the active and inactive states of this signal are described in FIFO CONTROL
REGISTER (FCR) and DMA OPERATION.
CLOCK AND RESET
Signal
Type
PLCC
TQFP
Description
Name
Pin #
Pin #
XIN
I
11
5
External Crystal Input:
XIN input is used in conjunction with XOUT to form a feedback circuit for the baud
rate generator's oscillator. If a clock signal is generated off-chip, then it should drive
the baud rate generator through this pin. Refer to CLOCK INPUT.
XOUT
O
13
7
External Crystal Output:
XOUT output is used in conjunction with XIN to form a feedback circuit for the baud
rate generator's oscillator. If the clock signal is generated off-chip, then this pin is
unused. Refer to CLOCK INPUT.
MR
I
21
16
Master Reset:
When MR input is high, it clears all the registers including Tx and Rx serial shift
registers (except the Receiver Buffer, Transmitter Holding, and Divisor Latches). The
output signals, such as OUT2, RTS, DTR, INTR, and SOUT are also affected by an
active MR input. (Refer to Table 26 and RESET).
POWER AND GROUND
Signal
PLCC
TQFP
Type
Description
Name
Pin #
Pin #
VCC
I
33
29
VCC:
44
42
+2.97V to +5.5V supply.
GND
I
12
6
GND:
22
17
Device ground reference.
NC
I
N/A
19
No Connection:
37
These pins are only available on the TQFP package.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: NS16C2552 NS16C2752


Similar Part No. - NS16C2552-C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS16C2552 NSC-NS16C2552 Datasheet
906Kb / 43P
   Dual UART with 16-byte/64-byte FIFOs and up to 5 Mbit/s Data Rate
logo
Texas Instruments
NS16C2552 TI1-NS16C2552 Datasheet
1Mb / 50P
[Old version datasheet]   16-byte/64-byte FIFOs and up to 5 Mbit/s Data
logo
National Semiconductor ...
NS16C2552TVA NSC-NS16C2552TVA Datasheet
906Kb / 43P
   Dual UART with 16-byte/64-byte FIFOs and up to 5 Mbit/s Data Rate
logo
Texas Instruments
NS16C2552TVA/NOPB TI1-NS16C2552TVA/NOPB Datasheet
1Mb / 50P
[Old version datasheet]   16-byte/64-byte FIFOs and up to 5 Mbit/s Data
NS16C2552TVS/NOPB TI1-NS16C2552TVS/NOPB Datasheet
1Mb / 50P
[Old version datasheet]   16-byte/64-byte FIFOs and up to 5 Mbit/s Data
More results

Similar Description - NS16C2552-C

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
logo
AAEON Technology
EMB-KB1 AAEON-EMB-KB1 Datasheet
364Kb / 2P
   dual independent display
EMB-H81A AAEON-EMB-H81A Datasheet
373Kb / 2P
   dual independent display
EMB-H81B AAEON-EMB-H81B Datasheet
333Kb / 2P
   dual independent display
logo
Connor-Winfield Corpora...
H52DF CONNOR-WINFIELD-H52DF Datasheet
55Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
logo
List of Unclassifed Man...
SI-38 ETC2-SI-38 Datasheet
486Kb / 1P
   Dual independent 1080p playback
logo
Connor-Winfield Corpora...
S52DF CONNOR-WINFIELD-S52DF Datasheet
54Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com