Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52765FP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M52765FP
Description  PLL-SPLIT VIF/SIF IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52765FP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M52765FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M52765FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PLL-SPLIT VIF/SIF IC
M52765FP
MITSUBISHI ICs (TV)
Notes
1. Video S/N
Input SG2 into VIF IN and measure the video out(Pin 22) noise in r.m.s
at TP22-B through a 5MHz (-3dB) L.P.F.
S/N=20 log
0.7 x V0 det
NOISE
2. Video Band width: BW
1. Measure the 1MHz component level of Video output TP22A with a spectrum
analyzer when SG3(f2=57.75MHz) is input into VIF IN. At that time,
measure the voltage at TP10 with SW10, set to position 2, and then fix
V10 at that voltage.
2. Reduce f2 and measure the value of (f2-f1) when the (f2-f1) component
level reaches -3dB from the 1MHz component level as shown below.
TP22
-3dB
1 MHz
BW
( f2 - f1 )
3. Input Sens itivity: VIN MIN
Input SG4 (Vi=90dBµ) into VIF IN , and then gradually reduce Vi and measure
the input level when the 20KHz component of Video output TP22A reaches -
3dB from Vo det level.
4. Maximum Allowable Input: VIN MAX
1. Input SG5 (Vi=90dBµ) into VIF IN , and measure the level of the 20KHz
component of Video output.
2. Gradually increase the Vi of SG and measure the input level when the
output reaches -3dB.
(dB)


Similar Part No. - M52765FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52760 MITSUBISHI-M52760 Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M52760SP MITSUBISHI-M52760SP Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M52761FP MITSUBISHI-M52761FP Datasheet
53Kb / 7P
   PLL-SPLIT VIF/SIF IC
M52761SP MITSUBISHI-M52761SP Datasheet
53Kb / 7P
   PLL-SPLIT VIF/SIF IC
M52766FP MITSUBISHI-M52766FP Datasheet
168Kb / 15P
   PLL SPLIT VIF / SIF
More results

Similar Description - M52765FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52342SP MITSUBISHI-M52342SP Datasheet
96Kb / 14P
   PLL-SPLIT VIF/SIF IC
M52342FP MITSUBISHI-M52342FP Datasheet
97Kb / 13P
   PLL-SPLIT VIF/SIF IC
logo
Renesas Technology Corp
M52334FP RENESAS-M52334FP Datasheet
163Kb / 19P
   PLL-Split VIF/SIF IC
M52342FP RENESAS-M52342FP Datasheet
176Kb / 19P
   PLL-Split VIF/SIF IC
logo
Mitsubishi Electric Sem...
M52761SP MITSUBISHI-M52761SP Datasheet
53Kb / 7P
   PLL-SPLIT VIF/SIF IC
M52334FP MITSUBISHI-M52334FP Datasheet
84Kb / 12P
   PLL-SPLIT VIF/SIF IC
M52760SP MITSUBISHI-M52760SP Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
logo
Mitsubishi Electric Sem...
M52769FP MITSUBISHI-M52769FP Datasheet
220Kb / 17P
   PLL-SPLIT VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com