Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA13H4047M-E01 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA13H4047M-E01
Description  MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H4047M-E01 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA13H4047M-E01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H4047M-E01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H4047M-E01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H4047M-E01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H4047M-E01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H4047M-E01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H4047M-E01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H4047M-E01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA13H4047M-E01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MITSUBISHI RF MOSFET MODULE
RA13H4047M
400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M
MITSUBISHI ELECTRIC
24 April 2003
1/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
DESCRIPTION
The RA13H4047M is a 13-watt RF MOSFET Amplifier
Module for 12.5-volt mobile radios that operate in the 400- to
470-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate
voltage (VGG=0V), only a small leakage current flows into the
drain and the RF input signal attenuates up to 60 dB. The output
power and drain current increase as the gate voltage increases.
With a gate voltage around 4V (minimum), output power and
drain current increases substantially. The nominal output power
becomes available at 4.5V (typical) and 5V (maximum). At
VGG=5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may
also be used for linear modulation by setting the drain quiescent
current with the gate voltage and controlling the output power with
the input power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD
≅0 @ V
DD=12.5V, VGG=0V)
• Pout>13W,
η
T>40% @ VDD=12.5V, VGG=5V, Pin=50mW
• Broadband Frequency Range: 400-470MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• Module Size: 66 x 21 x 9.88 mm
• Linear operation is possible by setting the quiescent drain
current with the gate voltage and controlling the output power
with the input power
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA13H4047M-E01
RA13H4047M-01
(Japan - packed without desiccator)
Antistatic tray,
10 modules/tray
BLOCK DIAGRAM
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
3
2
4
1
5
PACKAGE CODE: H2S


Similar Part No. - RA13H4047M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4047M-101 MITSUBISHI-RA13H4047M-101 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M-101 MITSUBISHI-RA13H4047M-101 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M-101 MITSUBISHI-RA13H4047M-101 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H4047M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4047M MITSUBISHI-RA13H4047M_10 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_11 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_06 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1 Datasheet
152Kb / 9P
   RF MOSFET MODULE 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1_08 Datasheet
175Kb / 9P
   RF MOSFET MODULE 400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M Datasheet
93Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 45W 12.5V MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1 Datasheet
169Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M Datasheet
95Kb / 8P
   RF MOSFET MODULE 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_08 Datasheet
157Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_10 Datasheet
191Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com