Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP130Q271D Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP130Q271D
Description  LOW NOISE 150mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP130Q271D Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP130Q271D Datasheet HTML 1Page - RICOH electronics devices division RP130Q271D Datasheet HTML 2Page - RICOH electronics devices division RP130Q271D Datasheet HTML 3Page - RICOH electronics devices division RP130Q271D Datasheet HTML 4Page - RICOH electronics devices division RP130Q271D Datasheet HTML 5Page - RICOH electronics devices division RP130Q271D Datasheet HTML 6Page - RICOH electronics devices division RP130Q271D Datasheet HTML 7Page - RICOH electronics devices division RP130Q271D Datasheet HTML 8Page - RICOH electronics devices division RP130Q271D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
RP130x
NO.EA-173-131031
5
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
7.0
V
VCE
Input Voltage (CE Pin)
−0.3 to 7.0
V
VOUT
Output Voltage
−0.3 to VIN+0.3
V
IOUT
Output Current
200
mA
Power Dissipation (DFN(PLP)1010-4)
400
Power Dissipation (SC-82AB)
380
PD
Power Dissipation (SOT-23-5)
420
mW
Topt
Operating Temperature Range
−40 to 85
°C
Tstg
Storage Temperature Range
−55 to 125
°C
∗) For Power Dissipation, please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the device
in the field.
The functional operation at or over these absolute maximum ratings is not assured.


Similar Part No. - RP130Q271D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130Q271A RICOH-RP130Q271A Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP130Q271B RICOH-RP130Q271B Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
More results

Similar Description - RP130Q271D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com