Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8025G3X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN8025G3X
Description  5-Channel Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8025G3X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN8025G3X Datasheet HTML 4Page - Fairchild Semiconductor FAN8025G3X Datasheet HTML 5Page - Fairchild Semiconductor FAN8025G3X Datasheet HTML 6Page - Fairchild Semiconductor FAN8025G3X Datasheet HTML 7Page - Fairchild Semiconductor FAN8025G3X Datasheet HTML 8Page - Fairchild Semiconductor FAN8025G3X Datasheet HTML 9Page - Fairchild Semiconductor FAN8025G3X Datasheet HTML 10Page - Fairchild Semiconductor FAN8025G3X Datasheet HTML 11Page - Fairchild Semiconductor FAN8025G3X Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FAN8025G3
8
Electrical Characteristics
(Unless otherwise specified, Ta = 25
°C, VCC1 = 12V, VCC2 = 5V & the other conditions & nomenclatures follow the
test circuit)
* : Guaranteed design values
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Quiescent Current1
ICC1
Stand-by off
-
18
27
mA
Quiescent Current1
ICC2
Stand-by on
-
9
-
mA
Mute On Voltage
VMON
--
-
0.5
V
Mute Off Voltage
VMOFF
-2.0
-
-
V
REF input voltage range
VREFIN
-
1.0
-
3.3
V
REF input current range*
IREFIN
VREF=1.65V
-10
-
10
uA
ACTUATOR DRIVER(CH4,CH5)
Output Offset Current45
IOO45
--6
0
+6
mA
Maximum Output Voltage45
VOM45
-3.6
4.0
-
V
Transconductance
GM45
VIN = 100mVp-p, f=1kHz
1.2
1.4
1.6
A/V
Control voltage input range45*
VIN45
-0
-
5
V
SLED/SPINDLE DRIVER(CH2,CH3)
Output Offset Voltage23
VOF23
--100
0
+100
mV
Maximum Output Voltage23
VOM23
-
9.5
10.0
-
V
Closed loop Voltage Gain23
GVLO23
VIN = 100mVp-p, f=1kHz
16
18.0
20
dB
Control voltage input range23*
VIN23
-0
-
5
V
LOADING DRIVER(CH1)
Input high level Voltage
VIH
-2
-
-
V
Input low level Voltage
VIL
--
-
0.5
V
Output Offset Voltage1
VOF1
--50
0
50
mV
Transfer Gain
GV
-
1.0
1.2
1.4
V/V


Similar Part No. - FAN8025G3X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
FAN8024CDTF FAIRCHILD-FAN8024CDTF Datasheet
179Kb / 12P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
FAN8024DTF FAIRCHILD-FAN8024DTF Datasheet
192Kb / 11P
   4-Channel Motor Driver
More results

Similar Description - FAN8025G3X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
   5-Channel Motor Driver
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
KA9259CD FAIRCHILD-KA9259CD Datasheet
294Kb / 15P
   5-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
   5 CHANNEL ACTUATOR MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
logo
Fairchild Semiconductor
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com