Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA13H4047M-01 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA13H4047M-01
Description  MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H4047M-01 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA13H4047M-01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA13H4047M-01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA13H4047M
RA13H4047M
MITSUBISHI ELECTRIC
24 April 2003
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
5
10
15
20
25
30
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=400MHz,
VDD=12.5V,
Pin=50mW
IDD
0
5
10
15
20
25
30
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
5
6
Pout
f=470MHz,
VGG=5V,
Pin=50mW
IDD
0
5
10
15
20
25
30
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=435MHz,
VDD=12.5V,
Pin=50mW
IDD
0
5
10
15
20
25
30
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
Pout
f=470MHz,
VDD=12.5V,
Pin=50mW
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50
Ω, unless otherwise specified)


Similar Part No. - RA13H4047M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4047M-101 MITSUBISHI-RA13H4047M-101 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M-101 MITSUBISHI-RA13H4047M-101 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M-101 MITSUBISHI-RA13H4047M-101 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H4047M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H4047M MITSUBISHI-RA13H4047M_10 Datasheet
94Kb / 9P
   400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_11 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_06 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1 Datasheet
152Kb / 9P
   RF MOSFET MODULE 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1_08 Datasheet
175Kb / 9P
   RF MOSFET MODULE 400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M Datasheet
93Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 45W 12.5V MOBILE RADIO
RA60H4047M1 MITSUBISHI-RA60H4047M1 Datasheet
169Kb / 9P
   400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M Datasheet
95Kb / 8P
   RF MOSFET MODULE 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_08 Datasheet
157Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_10 Datasheet
191Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com