Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA35H1516M-01 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA35H1516M-01
Description  154-162MHz 40W 12.5V MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA35H1516M-01 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA35H1516M-01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA35H1516M-01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA35H1516M-01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA35H1516M-01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA35H1516M-01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA35H1516M-01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA35H1516M-01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA35H1516M-01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MITSUBISHI RF MOSFET MODULE
RA35H1516M
154-162MHz 40W 12.5V MOBILE RADIO
RA35H1516M
MITSUBISHI ELECTRIC
15 April 2003
1/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
DESCRIPTION
The RA35H1516M is a 40-watt RF MOSFET Amplifier
Module for 12.5-volt mobile radios that operate in the 154- to
162-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate
voltage (VGG=0V), only a small leakage current flows into the
drain and the RF input signal attenuates up to 60 dB. The output
power and drain current increase as the gate voltage increases.
With a gate voltage around 4V (minimum), output power and
drain current increases substantially. The nominal output power
becomes available at 4.5V (typical) and 5V (maximum). At
VGG=5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may
also be used for linear modulation by setting the drain quiescent
current with the gate voltage and controlling the output power with
the input power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD
≅0 @ V
DD=12.5V, VGG=0V)
• Pout>40W,
η
T>50% @ VDD=12.5V, VGG=5V, Pin=50mW
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• Module Size: 66 x 21 x 9.88 mm
• Linear operation is possible by setting the quiescent drain
current with the gate voltage and controlling the output power
with the input power
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA35H1516M-E01
RA35H1516M-01
(Japan - packed without desiccator)
Antistatic tray,
10 modules/tray
BLOCK DIAGRAM
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
3
2
4
1
5


Similar Part No. - RA35H1516M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA35H1516M-101 MITSUBISHI-RA35H1516M-101 Datasheet
160Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M-101 MITSUBISHI-RA35H1516M-101 Datasheet
84Kb / 8P
   154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M-101 MITSUBISHI-RA35H1516M-101 Datasheet
164Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA35H1516M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA35H1516M MITSUBISHI-RA35H1516M_10 Datasheet
84Kb / 8P
   154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M_11 Datasheet
164Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M_06 Datasheet
160Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA33H1516M1 MITSUBISHI-RA33H1516M1 Datasheet
98Kb / 9P
   154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
RA33H1516M1 MITSUBISHI-RA33H1516M1_11 Datasheet
200Kb / 9P
   RoHS Compliance, 154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
M57788SH MITSUBISHI-M57788SH Datasheet
43Kb / 1P
   490-512MHz, 12.5V, 40W, FM MOBILE RADIO?
M57788L MITSUBISHI-M57788L Datasheet
143Kb / 3P
   400-430MHz, 12.5V, 40W, FM MOBILE RADIO
M57788H MITSUBISHI-M57788H Datasheet
146Kb / 3P
   450-470MHz, 12.5V, 40W, FM MOBILE RADIO?
M57788UH MITSUBISHI-M57788UH Datasheet
42Kb / 1P
   470-490MHz, 12.5V, 40W, FM MOBILE RADIO?
M67781H MITSUBISHI-M67781H Datasheet
44Kb / 1P
   150-175MHz, 12.5V, 40W, FM MOBILE RADIO?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com