Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP130N121A5 Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RP130N121A5
Description  LOW NOISE 150mA LDO REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP130N121A5 Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RP130N121A5 Datasheet HTML 6Page - RICOH electronics devices division RP130N121A5 Datasheet HTML 7Page - RICOH electronics devices division RP130N121A5 Datasheet HTML 8Page - RICOH electronics devices division RP130N121A5 Datasheet HTML 9Page - RICOH electronics devices division RP130N121A5 Datasheet HTML 10Page - RICOH electronics devices division RP130N121A5 Datasheet HTML 11Page - RICOH electronics devices division RP130N121A5 Datasheet HTML 12Page - RICOH electronics devices division RP130N121A5 Datasheet HTML 13Page - RICOH electronics devices division RP130N121A5 Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
RP130x
NO.EA-173-131031
10
0
100
200
300
400
500
600
0
25
50
75
100
125
150
Ambience Temperature (°C)
85
400
500
PACKAGE INFORMATION
Power Dissipation (DFN(PLP)1010-4)
Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the
measurement at the condition below:
Measurement Conditions
Standard Test Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plastic (Double sided)
Board Dimensions
40mm x 40mm x 1.6mm
Copper Ratio
Top side: Approx. 50%, Back side: Approx. 50%
Through-holes
φ 0.54mm x 24pcs
Measurement Result
(Ta=25
°C, Tjmax=125°C)
Standard Test Land Pattern
Power Dissipation
400mW(Tjmax=125
°C)
500mW(Tjmax=150
°C)
θja = (125-25°C)/0.4W= 250°C/W
Thermal Resistance
θjc=67°C/W
The above graph shows the Power Dissipation of the package based on Tjmax=125
°C and Tjmax=150°C.
Operating the IC in the shaded area in the graph might have an influence it's lifetime.
Operating time must be within the time limit described in the table below, in case of operating in the shaded area.
Operating Time
Estimated years
(Operating four hours/day)
13,000 hours
9years
40
Measurement Board Pattern
IC Mount Area (Unit:mm)
Power Dissipation


Similar Part No. - RP130N121A5

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130N121A5 RICOH-RP130N121A5 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
More results

Similar Description - RP130N121A5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com