Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022027113 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0022027113
Description  KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m Tin (Sn), 11 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0022027113 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0022027113_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0022027113_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/28/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022027113
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54µm Tin (Sn), 11
Circuits, without Hooks
Documents:
3D Model
Product Specification PS-10-07-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
4455
Application
Board-to-Board, Signal
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
800754915656
Physical
Circuits (Loaded)
11
Circuits (maximum)
11
Color - Resin
Natural (White)
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
1.153/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.35mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Polarized to PCB
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Grounding to PCB
No
Voltage - Maximum
500V
Solder Process Data
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
4455 Series
Mates With
KK® Header 4094 , 42376 , 42375 , 42377
, 171856 , 171857 <br>SL™ Insulation
Displacement Connector 70475


Similar Part No. - 0022027113_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022027113 MOLEX2-0022027113 Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m (100關) Tin (Sn), 11 Circuits, Without Hooks
More results

Similar Description - 0022027113_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022027023 MOLEX1-0022027023_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m Tin (Sn)
0022027083 MOLEX1-0022027083_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m Tin (Sn), 8 Circuits
0022027213 MOLEX1-0022027213_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m Tin (Sn), 21 Circuits
0022027063 MOLEX1-0022027063_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m Tin (Sn), 6 Circuits
0022027143 MOLEX1-0022027143_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m Tin (Sn), 14 Circuits
0022027123 MOLEX1-0022027123_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m Tin (Sn), 12 Circuits
0022027173 MOLEX1-0022027173_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m Tin (Sn), 17 Circuits
0022027193 MOLEX1-0022027193_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m Tin (Sn), 19 Circuits
0022027093 MOLEX1-0022027093_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m Tin (Sn), 9 Circuits
0022027133 MOLEX1-0022027133_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 2.54關m Tin (Sn), 13 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com