Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T496D227M006CH621C Datasheet(PDF) 11 Page - Kemet Corporation

Part # T496D227M006CH621C
Description  Tantalum Surface Mount Capacitors
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496D227M006CH621C Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T496D227M006CH621C Datasheet HTML 7Page - Kemet Corporation T496D227M006CH621C Datasheet HTML 8Page - Kemet Corporation T496D227M006CH621C Datasheet HTML 9Page - Kemet Corporation T496D227M006CH621C Datasheet HTML 10Page - Kemet Corporation T496D227M006CH621C Datasheet HTML 11Page - Kemet Corporation T496D227M006CH621C Datasheet HTML 12Page - Kemet Corporation T496D227M006CH621C Datasheet HTML 13Page - Kemet Corporation T496D227M006CH621C Datasheet HTML 14Page - Kemet Corporation T496D227M006CH621C Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
TC111_SPACE • 4/14/2014 11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2025_T493_SPACE • 4/14/2014
77
Tantalum Surface Mount Capacitors
High Reliability COTS (CWR11 Style) – T493 Series COTS Space Grade
Rated
Voltage
Rated
Capacitance
Case Code/
Case Size KEMET Part Number
DC
Leakage
DF
Standard
ESR
Low ESR
Moisture
Sensitivity
V
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Maximum/5 Min
% @ +20ºC
120 Hz Maximum
Ω @ +20ºC
100 kHz Maximum
Ω @ +20ºC
100 kHz Maximum
Temperature
≤ 260ºC
6.3
100
C/6032-28
T493C107(1)006(2)(3)(4)(5)(6)
6
8
1.2
0.3
1
6.3
100
D/7343-31
T493D107(1)006(2)(3)(4)(5)(6)
6
8
0.8
0.15
1
6.3
150
D/7343-31
T493D157(1)006(2)(3)(4)(5)(6)
9
8
0.7
0.15
1
6.3
220
D/7343-31
T493D227(1)006(2)(3)(4)(5)(6)
13.2
8
0.7
0.1
1
6.3
220
X/7343-43
T493X227(1)006(2)(3)(4)(5)(6)
13.2
8
0.7
0.15
1
6.3
330
D/7343-31
T493D337(1)006(2)(3)(4)(5)(6)
19.8
8
0.5
0.15
1
6.3
330
X/7343-43
T493X337(1)006(2)(3)(4)(5)(6)
19.8
8
0.5
0.1
1
10
1
A/3216–18
T493A105(1)010(2)(3)(4)(5)(6)
0.5
4
10
6
1
10
1.5
A/3216–18
T493A155(1)010(2)(3)(4)(5)(6)
0.5
6
8
6
1
10
2.2
A/3216–18
T493A225(1)010(2)(3)(4)(5)(6)
0.5
6
8
6
1
10
3.3
A/3216–18
T493A335(1)010(2)(3)(4)(5)(6)
0.5
6
6
4
1
10
3.3
B/3528-21
T493B335(1)010(2)(3)(4)(5)(6)
0.5
6
5.5
3.5
1
10
4.7
A/3216–18
T493A475(1)010(2)(3)(4)(5)(6)
0.5
6
6
3
1
10
4.7
B/3528-21
T493B475(1)010(2)(3)(4)(5)(6)
0.5
6
3.5
1.5
1
10
6.8
A/3216–18
T493A685(1)010(2)(3)(4)(5)(6)
0.7
6
6
3
1
10
6.8
B/3528-21
T493B685(1)010(2)(3)(4)(5)(6)
0.7
6
3.5
1.2
1
10
10
A/3216–18
T493A106(1)010(2)(3)(4)(5)(6)
1
6
4
1.8
1
10
10
B/3528-21
T493B106(1)010(2)(3)(4)(5)(6)
1
6
3.5
0.8
1
10
10
C/6032-28
T493C106(1)010(2)(3)(4)(5)(6)
1
6
1.8
0.6
1
10
15
B/3528-21
T493B156(1)010(2)(3)(4)(5)(6)
1.5
6
3.5
0.7
1
10
15
C/6032-28
T493C156(1)010(2)(3)(4)(5)(6)
1.5
6
1.8
0.5
1
10
22
B/3528-21
T493B226(1)010(2)(3)(4)(5)(6)
2.2
6
3
0.7
1
10
22
C/6032-28
T493C226(1)010(2)(3)(4)(5)(6)
2.2
6
1.8
0.4
1
10
33
C/6032-28
T493C336(1)010(2)(3)(4)(5)(6)
3.3
6
1.6
0.3
1
10
33
D/7343-31
T493D336(1)010(2)(3)(4)(5)(6)
3.3
6
0.8
0.25
1
10
47
C/6032-28
T493C476(1)010(2)(3)(4)(5)(6)
4.7
6
1.2
0.3
1
10
47
D/7343-31
T493D476(1)010(2)(3)(4)(5)(6)
4.7
6
0.8
0.22
1
10
68
C/6032-28
T493C686(1)010(2)(3)(4)(5)(6)
6.8
6
1.2
0.3
1
10
68
D/7343-31
T493D686(1)010(2)(3)(4)(5)(6)
6.8
6
0.8
0.2
1
10
68
X/7343-43
T493X686(1)010(2)(3)(4)(5)(6)
5.4
4
0.5
0.15
1
10
100
D/7343-31
T493D107(1)010(2)(3)(4)(5)(6)
10
8
0.7
0.1
1
10
150
D/7343-31
T493D157(1)010(2)(3)(4)(5)(6)
15
8
0.7
0.1
1
10
150
X/7343-43
T493X157(1)010(2)(3)(4)(5)(6)
15
8
0.7
0.15
1
10
220
D/7343-31
T493D227(1)010(2)(3)(4)(5)(6)
22
8
0.5
0.15
1
10
220
X/7343-43
T493X227(1)010(2)(3)(4)(5)(6)
22
8
0.5
0.1
1
10
330
X/7343-43
T493X337(1)010(2)(3)(4)(5)(6)
33
10
0.5
0.1
1
16
0.68
A/3216–18
T493A684(1)016(2)(3)(4)(5)(6)
1.1
6
12
8
1
16
1
A/3216–18
T493A105(1)016(2)(3)(4)(5)(6)
0.5
4
10
6
1
16
1.5
A/3216–18
T493A155(1)016(2)(3)(4)(5)(6)
0.5
6
8
6
1
16
2.2
A/3216–18
T493A225(1)016(2)(3)(4)(5)(6)
0.5
6
6
4
1
16
3.3
B/3528-21
T493B335(1)016(2)(3)(4)(5)(6)
0.5
6
3.5
2
1
16
4.7
B/3528-21
T493B475(1)016(2)(3)(4)(5)(6)
0.8
6
3.5
1.5
1
16
6.8
B/3528-21
T493B685(1)016(2)(3)(4)(5)(6)
1.1
6
3.5
1.2
1
16
6.8
C/6032-28
T493C685(1)016(2)(3)(4)(5)(6)
1.1
6
1.9
0.8
1
16
10
C/6032-28
T493C106(1)016(2)(3)(4)(5)(6)
1.6
6
1.8
0.6
1
16
15
C/6032-28
T493C156(1)016(2)(3)(4)(5)(6)
2.4
6
1.8
0.4
1
16
22
C/6032-28
T493C226(1)016(2)(3)(4)(5)(6)
3.6
6
1.6
0.35
1
V
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Maximum/5 Min
% @ +20ºC
120 Hz Maximum
Ω @ +20ºC
100 kHz Maximum
Ω @ +20ºC
100 kHz Maximum
Temperature
≤ 260ºC
Rated
Voltage
Rated
Capacitance
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
Standard ESR
Low ESR
Moisture
Sensitivity
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20%, K for ±10%. Designates Capacitance tolerance.
(2) To complete KEMET part number, insert C (0.01%/1,000 hours). Designates Reliability Level.
(3) To complete KEMET part number, insert H = Solder Plated or T = 100% Tin (Sn). Designates Termination Finish.
(4) To complete KEMET part number, insert 61 = None, 62 = 10 cycles +25°C, 63 = 10 cycles -55°C +85°C after Weibull, 64 = 10 cycles -55°C +85°C before
Weibull or 65 = Both. Designates Surge current option.
(5) To complete KEMET part number, insert 1 = Standard ESR, 2 = Low ESR. Designates ESR option.
(6) To complete KEMET part number, insert A = Option 1, B = Option 2 or C = Option 3. Designates Test Option. See Space Grade Test Methods chart for more
information.
Refer to Ordering Information for additional detail.


Similar Part No. - T496D227M006CH621C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496D227M006AH4095 KEMET-T496D227M006AH4095 Datasheet
422Kb / 3P
   Fail-Safe Fused Tantalum Surface Mount Capacitor
T496D227M006AHE500 KEMET-T496D227M006AHE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496D227M006AHE5007280 KEMET-T496D227M006AHE5007280 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496D227M006ATE500 KEMET-T496D227M006ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496D227M006ATE5007280 KEMET-T496D227M006ATE5007280 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results

Similar Description - T496D227M006CH621C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com