Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3710-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3710-Q1
Description  Wide VIN Voltage Detector
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3710-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3710-Q1 Datasheet HTML 1Page - Texas Instruments TPS3710-Q1 Datasheet HTML 2Page - Texas Instruments TPS3710-Q1 Datasheet HTML 3Page - Texas Instruments TPS3710-Q1 Datasheet HTML 4Page - Texas Instruments TPS3710-Q1 Datasheet HTML 5Page - Texas Instruments TPS3710-Q1 Datasheet HTML 6Page - Texas Instruments TPS3710-Q1 Datasheet HTML 7Page - Texas Instruments TPS3710-Q1 Datasheet HTML 8Page - Texas Instruments TPS3710-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
0.01 F
VDD
SENSE
OUT
GND
R1
R2
VPULLUP
Up to 18 V
1.8 V to 18 V
VMON
RP
To a reset or enable
input of the system.
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
399
399.4
399.8
400.2
400.6
401
VDD = 1.8 V
VDD = 5 V
VDD = 12 V
VDD = 18 V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS3710-Q1
SBVS341 – JULY 2017
TPS3710-Q1 Wide VIN Voltage Detector
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: -40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C6
Wide Supply Voltage Range: 1.8 V to 18 V
Adjustable Threshold: Down to 400 mV
High Threshold Accuracy:
1.0% Over Temperature
0.25% (Typical)
Low Quiescent Current: 5.5 µA (Typical)
Open-Drain Output
Internal Hysteresis: 5.5 mV (Typical)
Temperature Range: –40°C to +125°C
Packages:
1.5-mm × 1.5-mm WSON-6
2 Applications
Automotive Systems
Embedded Computing Modules
DSP, Microcontroller, or Microprocessor
Applications
Notebook and Desktop Computers
Portable- and Battery-Powered Products
FPGA and ASIC Applications
3 Description
The
TPS3710-Q1
wide-supply
voltage
detector
operates over a 1.8-V to 18-V range. The device has
a high-accuracy comparator with an internal 400-mV
reference and an open-drain output rated to 18 V for
precision voltage detection. The monitored voltage
can be set with the use of external resistors.
The OUT pin is driven low when the voltage at the
SENSE pin drops below (VIT–), and goes high when
the voltage returns above the respective threshold
(VIT+). The comparator in the TPS3710-Q1 includes
built-in hysteresis for filtering to reject brief glitches,
thereby ensuring stable output operation without false
triggering.
The TPS3710-Q1 is available in a 1.5-mm × 1.5-mm
6-pin WSON package, and is specified over the
junction temperature range of –40°C to +125°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS3710-Q1
WSON (6)
1.50 mm × 1.50 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Simplified Schematic
Rising Input Threshold Voltage (VIT+) vs
Temperature


Similar Part No. - TPS3710-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DDCR TI1-TPS3710DDCR Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DDCT TI1-TPS3710DDCT Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DSER TI1-TPS3710DSER Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710DSET TI1-TPS3710DSET Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
More results

Similar Description - TPS3710-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS38A-Q1 TI-TPS38A-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
LM340-MIL TI1-LM340-MIL Datasheet
1Mb / 22P
[Old version datasheet]   Wide VIN 1.5-A Fixed Voltage Regulator
logo
ON Semiconductor
NCP4672 ONSEMI-NCP4672 Datasheet
63Kb / 8P
   Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
February, 2004 ??Rev. 4
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com