Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A3901DSCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A3901DSCT
Description  Dual, 150-mA, Wide VIN Positive and Negative LDO Voltage Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3901DSCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A3901DSCT Datasheet HTML 7Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 8Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 9Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 10Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 11Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 12Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 13Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 14Page - Texas Instruments TPS7A3901DSCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Time (ms)
0
20
40
60
80
100
120
140
160
180
200
-20
-16
-12
-8
-4
0
4
8
12
16
20
VINP
VINN
VOUTP
VOUTN
Time (ms)
0
20
40
60
80
100
120
140
160
180
200
-25
-20
-15
-10
-5
0
5
10
15
20
25
EN
VINP
VOUTP
VOUTN
VINN
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10
100
1k
10k
100k
1M
10M
IOUT
1 mA, 29.88
PVRMS
10 mA, 27.07
PVRMS
50 mA, 26.66
PVRMS
100 mA, 26.77
PVRMS
150 mA, 26.86
PVRMS
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10
100
1k
10k
100k
1M
10M
IOUT
1 mA, 29.72
PVRMS
10 mA, 28.42
PVRMS
50 mA, 28.59
PVRMS
100 mA, 28.47
PVRMS
150 mA, 26.68
PVRMS
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10
100
1k
10k
100k
1M
10M
COUT
4.7
PF, 27.33 PVRMS
10
PF, 26.86 PVRMS
22
PF, 27.47 PVRMS
47
PF, 27.64 PVRMS
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10
100
1k
10k
100k
1M
10M
COUT
4.7
PF, 28.43 PVRMS
10
PF, 26.68 PVRMS
22
PF, 26.67 PVRMS
47
PF, 28.70 PVRMS
11
TPS7A39
www.ti.com
SBVS263 – JULY 2017
Product Folder Links: TPS7A39
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TJ = 25°C, VINP = VOUTP(nom) + 1.0 V or VIN = 3.3 V (whichever is greater), VINN = VOUTN(nom) – 1 V or –3.3 V (whichever is
less), VEN = VIN, IOUT = 1 mA, CIN = 10-μF ceramic, COUT = 10-μF ceramic, and CFFP = CFFN = CNR/SS = 10 nF (unless otherwise
noted)
VOUTP = 5 V, IOUTP = 150 mA, VINP = VEN = 6 V, VOUTN = –5 V,
IOUTN = 0 mA, CNR/SS = CFFx = 10 nF
Figure 20. Positive Spectral Noise Density vs Frequency
and COUT
VOUTN = –5 V, IOUTN = –150 mA, VINP = VEN = 6 V, VOUTN = –5 V,
IOUTP = 0 mA, CNR/SS = CFFx = 10 nF
Figure 21. Negative Spectral Noise Density vs Frequency
and COUT
VOUTP = 5 V, VINP = VEN = 6 V, VOUTN = –5 V, IOUTN = 0 mA,
CNR/SS = CFFx = 10 nF
Figure 22. Positive Spectral Noise Density vs Frequency
and IOUT
VOUTN = –5 V, VINP = VEN = 6 V, VOUTN = –5 V, IOUTP = 0 mA,
CNR/SS = CFFx = 10 nF
Figure 23. Negative Spectral Noise Density vs Frequency
and IOUT
VOUTP = –VOUTN = 5 V, VINP = –VINN = 12 V
Figure 24. Startup (VINP = VEN)
VOUTP = –VOUTN = 5 V, VINP = –VINN = 15 V
Figure 25. Startup With EN


Similar Part No. - TPS7A3901DSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A3001DGNR TI-TPS7A3001DGNR Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
More results

Similar Description - TPS7A3901DSCT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCP4641H030T1G ONSEMI-NCP4641H030T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
NCP4641H050T1G ONSEMI-NCP4641H050T1G Datasheet
332Kb / 14P
   150 mA, Wide Input Range, Voltage Regulator
December, 2010 ??Rev. 0
logo
Nisshinbo Micro Devices...
R1154X NISSHINBO-R1154X Datasheet
648Kb / 26P
   150 mA Voltage Regulator (Wide Input Voltage Range)
logo
ON Semiconductor
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com