Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63PX330MEFC10X20 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 63PX330MEFC10X20
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

63PX330MEFC10X20 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  63PX330MEFC10X20 Datasheet HTML 1Page - RUBYCON CORPORATION 63PX330MEFC10X20 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆SPECIFICATIONS
Characteristics
−25∼+105℃
450Vdc
−55∼+105℃
6.3∼100Vdc
−40∼+105℃
160∼400Vdc
160∼450Vdc
6.3∼100Vdc
±20%(20℃, 120Hz)
Rated Voltage
(Vdc)
tanδ
0.28
6.3
0.24
10
0.20
16
0.16
25
0.14
35
0.12
50
0.10
63
0.08
100
0.20 0.20 0.20 0.25 0.25
160 200 250 350 400
0.25
450
Rated Voltage
(Vdc)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
6.3
10
10
8
16
6
25
4
35
3
54322
50
3
2
63
3
2
100
34488
10
2
160
3
200
3
250
4
350
6
400
6
450
7
When capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
CV≦1000
CV>1000
(20℃, 120Hz)
(120Hz)
I=0.1CV+40
μA (1minute)
I=0.03CV+15
μA (5minutes)
I=0.04CV+100
μA (1minute)
I=0.02CV+25
μA (5minutes)
◆DIMENSIONS
(mm)
φD
φd
F
α
8
3.5
5
2.0
6.3
2.5
5.0
10
0.6
0.5
7.5
0.8
2.0
12.5
16
18
Vdc≦100:α=1.5
Vdc≧160:α=2.0
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
I=0.01CV or 3μA whichever is greater.
(After 2 minutes application of rated voltage)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
◆MULTIPLIER FOR RIPPLE CURRENT
After applying rated voltage with rated ripple current for specified time at 105℃,
the capacitors shall meet the following requirements.
Case Size
Life Time
(hrs)
φD≦8
1000
φD≧10
2000
◆PART NUMBER
□□□
Rated Voltage
PX
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
Capacitance Tolerance
Frequency
(Hz)
Coefficient
60(50) 120 500
1k 10k≦
0.80 1.00 1.20 1.30 1.50
0.80 1.00 1.10 1.15 1.20
10∼47μF
0.65 1.00 1.20 1.30 1.50
2.2∼4.7μF
0.50 1.00 1.20 1.30 1.50
0.47∼1μF
100∼1000μF
0.80 1.00 1.05 1.10 1.15
2200∼33000μF
◆OPTION
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
RoHS
compliance
PX
SERIES
PX
105℃ Standard
Load Life : 105℃ 1000∼2000 hours.
PET Sleeve
Code
EFC
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)


Similar Part No. - 63PX330MEFC10X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
63PX1000MEFC16X25 RUBYCON-63PX1000MEFC16X25 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63PX10MEFC5X11 RUBYCON-63PX10MEFC5X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63PX470MEFC12.5X20 RUBYCON-63PX470MEFC12.5X20 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63PX47MEFC6.3X11 RUBYCON-63PX47MEFC6.3X11 Datasheet
119Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 63PX330MEFC10X20

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com