Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR93A Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BFR93A
Description  Silicon NPN transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BFR93A Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BFR93A Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BFR93A Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BFR93A Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BFR93A Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BFR93A Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BFR93A Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BFR93A
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
2.0
V
Collector Current - Continuous
IC
35
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=100μA
IE=0
15
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=500μA
IB=0
12
V
Emitter to Base Breakdown Voltage
VEBO
IE=100μA
IC=0
2.0
V
Collector Cut-Off Current
ICBO
VCB=5.0 V
IE=0
0.05
μA
DC Current Gain
hFE
VCE=5.0V
IC=30mA
40
90
Collector Capacitance
Cc
IE=0
VCB=5.0V
f=1.0MHz
0.7
pF
Emitter Capacitance
Ce
VEB=0.5V
IC=0
f=1.0MHz
1.9
pF
Feedback Capacitance
Cre
VCE=5.0V
IC=0
Tamb=25℃
f=1.0MHz
0.6
pF
Transition Frequency
fT
IC=30mA
VCE=5.0V
f=500MHz
4.5
6.0
GHz
IC=30mA
VCE=8.0V
f=1.0GHz
Tamb=25℃
13
dB
Maximum Unilateral Power Gain
GUM
IC=30mA
VCE=8.0V
f=2.0GHz
Tamb=25℃
7.0
dB
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - BFR93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
   NPN 6 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR93A VISHAY-BFR93A Datasheet
146Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 3, 20-Jan-99
logo
Siemens Semiconductor G...
BFR93A SIEMENS-BFR93A Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2mA to 30mA)
logo
Infineon Technologies A...
BFR93A INFINEON-BFR93A Datasheet
80Kb / 7P
   NPN Silicon RF Transistor
Jun-27-2001
logo
List of Unclassifed Man...
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor
More results

Similar Description - BFR93A

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BCX70K FOSHAN-BCX70K Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
KTC3881S FOSHAN-KTC3881S Datasheet
693Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
L8050M FOSHAN-L8050M Datasheet
783Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222 FOSHAN-MMBT2222 Datasheet
817Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222A FOSHAN-MMBT2222A Datasheet
879Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT5089 FOSHAN-MMBT5089 Datasheet
633Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC1740M FOSHAN-2SC1740M Datasheet
760Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2216M FOSHAN-2SC2216M Datasheet
804Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2717M FOSHAN-2SC2717M Datasheet
873Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com