Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62864 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HM62864
Description  65536-word8-bit High Speed CMOS Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HM62864 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HM62864 Datasheet HTML 6Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 7Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 8Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 9Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 10Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 11Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 12Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 13Page - List of Unclassifed Manufacturers HM62864 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HM62864 Series
10
Write Cycle
HM62864-5
HM62864-7
HM62864-8
Parameter
Symbol Min
Max
Min
Max
Min
Max
Unit
Notes
Write cycle time
t
WC
55
70
85
ns
Chip selection to end of write
t
CW
50
60
75
ns
4
Address setup time
t
AS
0
0
0
ns
5
Address valid to end of write
t
AW
50
60
75
ns
Write pulse width
t
WP
40
50
55
ns
3, 8
Write recovery time
t
WR
0
0
0
ns
6
Write to output in high-Z
t
WHZ
0
20
0
25
0
30
ns
1, 2, 7
Data to write time overlap
t
DW
30
30
35
ns
Data hold from write time
t
DH
0
0
0
ns
Output active from end of write
t
OW
5
5
5
ns
2
Output disable to output in high-Z
t
OHZ
0
20
0
25
0
30
ns
1, 2, 7
Notes: 1. t
WHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions
and are not referred to output voltage levels.
2. This parameter is sampled and not 100% tested.
3. A write occurs during the overlap of a low
CS1, a high CS2 and a low WE. A write begins at
the latest transition among
CS1 going low, CS2 going high, and WE going low. A write ends at
the earliest transition among
CS1 going high, CS2 going low, and WE going high. t
WP is
measured from the beginning of write to the end of write.
4. t
CW is measured from the later of CS1 going low or CS2 going high to the end of write.
5. t
AS is measured from the address valid to the beginning of write.
6. t
WR is measured from the earliest of CS1 or WE going high or CS2 going low to the end of write
cycle.
7. During this period, I/O pin are in the output state; therefore, the input signals of the opposite
phase to the outputs must not be applied.
8. In the write cycle with
OE low fixed, t
WP must satisfy the following equation to avoid a problem
of data bus contention, t
WP ≥ tWHZ max + tDW min.


Similar Part No. - HM62864

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6286 HMSEMI-HM6286 Datasheet
619Kb / 11P
   180KHz 60V 5A Switching Current Boost LED Constant Current Driver
More results

Similar Description - HM62864

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK5T8512TM SONY-CXK5T8512TM Datasheet
216Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5V8512TM- SONY-CXK5V8512TM- Datasheet
154Kb / 10P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK58512TM SONY-CXK58512TM Datasheet
210Kb / 12P
   65536-word X 8-bit High Speed CMOS Static RAM
CXK5B81020J SONY-CXK5B81020J Datasheet
184Kb / 9P
   131072-word 쨈 8-bit High Speed Bi-CMOS Static RAM
CXK5V16100TM SONY-CXK5V16100TM Datasheet
153Kb / 10P
   65536-word X 16-bit High Speed CMOS Static RAM
CXK5T16100TM- SONY-CXK5T16100TM- Datasheet
138Kb / 10P
   65536-word x 16-bit High Speed CMOS Static RAM
logo
Hitachi Semiconductor
HM6208H HITACHI-HM6208H Datasheet
64Kb / 11P
   65,536-word 쨈 4-bit High Speed CMOS Static RAM
logo
Mitsubishi Electric Sem...
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
logo
Sony Corporation
CXK5B18120TM- SONY-CXK5B18120TM- Datasheet
179Kb / 10P
   65536-word x 18-bit High Speed Bi-CMOS Static RAM
CXK5B16120J SONY-CXK5B16120J Datasheet
236Kb / 10P
   65536-word X 16-bit High Speed Bi-CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com