Electronic Components Datasheet Search |
|
DMS3102F16S-29SBSL-0 Datasheet(PDF) 4 Page - DDK Ltd. |
|
DMS3102F16S-29SBSL-0 Datasheet(HTML) 4 Page - DDK Ltd. |
4 / 26 page Unit:mm http://www.ddknet.co.jp D/MS E/F/R Series 4 ○ D/MS E/F/R Series ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Please varify the latest specifications with our drawings. Number of Contact 1 2 Insert Arrangement Insert Number 20 - 2 10SL - 4 12S - 3 18 - 3 Contact Size 1 - #0 2 - #16 2 - #16 2 - #12 Service Rating Serv. D Serv. A Serv. A Serv. D Number of Contact 3 Insert Arrangement Insert Number 10SL - 3 14S - 7 16S - 5 16 - 10 Contact Size 3 - #16 3 - #16 3 - #16 3 - #12 Service Rating Serv. A Serv. A Serv. A Serv. A Number of Contact 4 Insert Arrangement Insert Number 14S - 2 16 - 9 18 - 10 22 - 22 32 - 17 Contact Size 4 - #16 2 - #16 / 2 - #12 4 - #12 4 - #8 4 - #4 Service Rating Serv. INST. Serv. A Serv. A Serv. A Serv. D Number of Contact 5 Insert Arrangement Insert Number 14S - 5 16S - 8 18 - 11 28 - 5B Contact Size 5 - #16 5 - #16 5 - #12 2 - #4 / 3 - #8 Service Rating Serv. INST. Serv. A Serv. A Serv. D ( A, B ) Serv. A ( C, D, E ) Front face of pin insert or rear face of socket insert illustrated. #16 Contact Size #12 #8 #4 #0 Note: Serv = Service Rating B A A B A B B A C C B A A C B A C B A D B C C A B D A D B C A D C B A B C D A B C E D E A D C B E D A B C A B D E C A B F D E C A B C D E F A B C G D F E A G B C D E F A B C D E F G A B C D I J G F E H H A B D E K J C G F B A C K J H M D E F B A K N M L D E C I F H G J G A P F H B N M E D L C K J A B N P S R C D E G L K M H T J F A B C E F G H J K L M N P R S T V D U A B C D E F G H J K L M N P Q R S T U V W X Y Z A B C D E F G H J K L M N P R S T U V W X Z a b c d e f g h j k m p r s n G J C M L N K E B F A D Q S U R T H P O c b a Z Y X W k j h g f e d s r q p n m x w v u t z y V Insert Arrangement List |
Similar Part No. - DMS3102F16S-29SBSL-0 |
|
Similar Description - DMS3102F16S-29SBSL-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |