Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT93214B Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT93214B
Description  1-memory Tone/Pulse Dialer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93214B Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT93214B Datasheet HTML 1Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 2Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 3Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 4Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 5Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 6Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 7Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 8Page - Holtek Semiconductor Inc HT93214B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
TFP
Pause Time After Flash
2.5V
¾¾
800
¾
ms
TRP
One-key Redialing Pause Time
2.5V
¾¾
800
¾
ms
FOSC
System Frequency
¾¾
¾
3.58
¾
MHz
TDB
Key-in Debounce Time
2.5V
¾¾
20
¾
ms
TBRK
Break Time For One-key Redialing 2.5V
¾¾
2.2
¾
s
THKDL
Off-hook Delay Time
2.5V
10pps
¾
800
¾
ms
20pps
¾
500
¾
Pulse Mode Electrical Characteristics
FOSC=3.5795MHz, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IPOH
PO Output Source Current
2.5V VOH=2V
-0.2
¾¾
mA
IPOL
PO Output Sink Current
2.5V VOL=0.5V
0.2
0.6
¾
mA
PR
Pulse Rate
¾
MODE pin is
connected to VDD
¾
10
¾
pps
MODE pin is opened
¾
20
¾
M/B
Make/Break Ratio
¾¾
¾
33:66
¾
%
TPDP
Pre-digit-pause Time
¾
M/B=33:66 (10 pps)
¾
33
¾
ms
M/B=33:66 (20 pps)
¾
17
¾
TIDP
Inter-digit-pause Time
¾
10 pps
¾
800
¾
ms
20 pps
¾
500
¾
TM
Pulse Make Duration
¾
10 pps, M/B=1/2
¾
33.3
¾
ms
20 pps, M/B=1/2
¾
16.7
¾
TB
Pulse Break Duration
¾
10 pps, M/B=1/2
¾
66.6
¾
ms
20 pps, M/B=1/2
¾
33.3
¾
TP
Pause Time
¾¾
¾
2.2
¾
s
Tone Mode Electrical Characteristics
FOSC=3.5795MHz, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VTDC
DTMF Output DC Level
¾ No load
0.45VDD
¾
0.7VDD
V
ITOL
DTMF Sink Current
2.5V VDTMF=0.5V
0.1
¾¾
mA
VTAC
DTMF Output AC Level
¾
Row group,
RL=5k
W
0.12
0.155
0.18
Vrms
RL
DTMF Output Load
2.5V THD
£-23dB
5
¾¾
k
W
ACR
Column Pre-emphasis
2.5V Row group=0dB
1
2
3
dB
THD
Tone Signal Distortion
2.5V RL=5k
-30
-23
dB
TTMIN
Minimum Tone Duration
¾ Auto-redial
¾
94
¾
ms
TITPM
Minimum Inter-Tone Pause
¾ Auto-redial
¾
96
¾
ms
THD (Distortion) (dB) = 20 log ( V1
V2
.... Vn
22
2
++ +
/
Vi
Vh
22
+
)
Vi, Vh: Row group and column group signals
V1, V2, ... Vn: Harmonic signals (BW=300Hz~3500Hz)
HT93214 Series
Rev. 1.10
5
October 2, 2002


Similar Part No. - HT93214B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
   22-Memory Tone/Pulse Dialer
HT9320 HOLTEK-HT9320 Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
HT9320A HOLTEK-HT9320A Datasheet
382Kb / 30P
   22-Memory Tone/Pulse Dialer
HT9320A HOLTEK-HT9320A Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
HT9320B HOLTEK-HT9320B Datasheet
382Kb / 30P
   22-Memory Tone/Pulse Dialer
More results

Similar Description - HT93214B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9302 HOLTEK-HT9302 Datasheet
284Kb / 27P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9302 HOLTEK-HT9302_09 Datasheet
345Kb / 33P
   1-Memory/2-Memory Tone/Pulse Dialer
logo
Silan Microelectronics ...
SC9302 SILAN-SC9302 Datasheet
1Mb / 39P
   1-MEMORY/2-MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT9202A HOLTEK-HT9202A Datasheet
209Kb / 9P
   1-Memory/2-Memory Tone/Pulse Dialer
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
   22-Memory Tone/Pulse Dialer
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
   20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
   22-Memory Tone/Pulse Dialer
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
   15-Memory Tone/Pulse Dialer
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
   12-Memory Tone/Pulse Dialer
HT9315 HOLTEK-HT9315 Datasheet
309Kb / 27P
   15-Memory Tone/Pulse Dialer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com