Electronic Components Datasheet Search |
|
T496D227M010CC651C Datasheet(PDF) 6 Page - Kemet Corporation |
|
T496D227M010CC651C Datasheet(HTML) 6 Page - Kemet Corporation |
6 / 61 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com TC111_SPACE • 4/14/2014 6 © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2025_T493_SPACE • 4/14/2014 22 Tantalum Surface Mount Capacitors High Reliability COTS (CWR11 Style) – T493 Series COTS Space Grade SPICE For a detailed analysis of specific part numbers, please visit www.kemet.com for a free download of KEMET's SPICE software. The KEMET SPICE program is freeware intended to aid design engineers in analyzing the performance of these capacitors over frequency, temperature, ripple, and DC bias conditions. Ordering Information T 493 D 227 K 006 C H 61 2 A Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance Voltage Failure Rate/ Design Lead Material Surge ESR Testing T = Tantalum CRW11 Style Space Grade A, B, C, D, X First two digits represent significant figures. Third digit specifies number of zeros. J = ±5% K = ±10% M = ±20% 004 = 4 V 006 = 6.3 V 010 = 10 V 016 = 16 V 020 = 20 V 025 = 25 V 035 = 35 V 050 = 50 V C = .01%/1,000 hours C = Hot Solder Dipped H = Standard Solder Coated (SnPb 5% Pb minimum) B = Gold Plated K = Solder Fused T = 100% Tin 61 = None 62 = 10 Cycles after Weibull,25°C 63 = 10 Cycles, after Weibull,-55°C and 85°C 64 = 10 Cycles before Weibull, -55°C and 85°C 65 = 10 Cycles Before and After Weibull, -55°C and 85°C 1 = ESR - Standard 2 = ESR - Low A = Option A B = Option B C = Option C Performance Characteristics Item Performance Characteristics Operating Temperature -55°C to 125°C Rated Capacitance Range 0.1 – 330 μF @ 120 Hz/25°C Capacitance Tolerance J Tolerance (5%), K Tolerance (10%), M Tolerance (20%) Rated Voltage Range 4 – 50 V DF (120 Hz) Refer to Part Number Electrical Specification Table ESR (100 kHz) Refer to Part Number Electrical Specification Table Leakage Current ≤ 0.01 CV (mA) at rated voltage after 5 minutes |
Similar Part No. - T496D227M010CC651C |
|
Similar Description - T496D227M010CC651C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |