Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2907AG Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMBT2907AG
Description  Silicon PNP transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMBT2907AG Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMBT2907AG Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT2907AG Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT2907AG Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT2907AG Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT2907AG Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMBT2907AG Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMBT2907AG
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
1 / 6
SOT-23 塑封封装 PNP 半导体三极管。Silicon PNP transistor in a SOT-23 Plastic Package.

集电极电流可达 600mA。无卤产品。
Collector currents to 600mA.HF Product.

用于普通放大。
General purpose amplifier.

PIN1
:Base
PIN 2
:Emitter
PIN 3
:Collector
放大及印章代码 / hFE Classifications & Marking
hFE Range
100~300
Marking
G2F
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
2
3
1


Similar Part No. - MMBT2907AG

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBT2907AGH ZOWIE-MMBT2907AGH Datasheet
59Kb / 3P
   General Purpose Transistor PNP Silicon
More results

Similar Description - MMBT2907AG

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BCW30 FOSHAN-BCW30 Datasheet
911Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
MMBT589 FOSHAN-MMBT589 Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SA1036K FOSHAN-2SA1036K Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB709A FOSHAN-2SB709A Datasheet
771Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1198K FOSHAN-2SB1198K Datasheet
691Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1295 FOSHAN-2SB1295 Datasheet
632Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC858 FOSHAN-BC858 Datasheet
910Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
MMBT4403 FOSHAN-MMBT4403 Datasheet
804Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC856 FOSHAN-BC856 Datasheet
896Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
FMMT591 FOSHAN-FMMT591 Datasheet
790Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
KSA1182 FOSHAN-KSA1182 Datasheet
698Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com