Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21TW Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BAS21TW
Description  Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BAS21TW Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BAS21TW Datasheet HTML 1Page - Cystech Electonics Corp. BAS21TW Datasheet HTML 2Page - Cystech Electonics Corp. BAS21TW Datasheet HTML 3Page - Cystech Electonics Corp. BAS21TW Datasheet HTML 4Page - Cystech Electonics Corp. BAS21TW Datasheet HTML 5Page - Cystech Electonics Corp. BAS21TW Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C335S6
Issued Date : 2017.01.03
Revised Date :
Page No. : 1/6
BAS21TW
CYStek Product Specification
Switching Diode
BAS21TW
Features
• Fast switching speed.
• Ultra small surface mount package
• High conductance
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
BAS21TW
A:Anode
C:Cathode
SOT-363
Pin #1
Applications
For general purpose switching applications.
Ordering Information
Device
Package
Shipping
BAS21TW-0-T1-G
SOD-363
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T1 : 3000 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name


Similar Part No. - BAS21TW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21TW DIODES-BAS21TW Datasheet
108Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Rectron Semiconductor
BAS21TW RECTRON-BAS21TW Datasheet
115Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Nanjing International G...
BAS21TW DGNJDZ-BAS21TW Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
logo
Goodwork Semiconductor ...
BAS21TW GWSEMI-BAS21TW Datasheet
193Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS21TW-7 DIODES-BAS21TW-7 Datasheet
108Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
More results

Similar Description - BAS21TW

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com