Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTD2195SN3-0-T1-G Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # BTD2195SN3-0-T1-G
Description  NPN Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD2195SN3-0-T1-G Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  BTD2195SN3-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. BTD2195SN3-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. BTD2195SN3-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. BTD2195SN3-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. BTD2195SN3-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. BTD2195SN3-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. BTD2195SN3-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C654N3
Issued Date : 2017.08.02
Revised Date :
Page No. : 4/7
BTD2195SN3
CYStek Product Specification
Typical Characteristics(Cont.)
On Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
IC, Collector Current(mA)
-40°C
0°C
25°C
85°C
140°C
VBEON@VCE=4V
Built-in Diode Characteristics
100
1000
10000
1
10
100
1000
10000
IF, Forward Current(mA)
-40°C
0°C
25°C
85°C
140°C
Power Derating Curves
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0
25
50
75
100
125
150
175
200
TA, Ambient Temperature(℃)
Capacitance vs Reverse-Biased Voltage
10
100
0.1
1
10
100
VR, Reverse-Biased Voltage(V)
Cob
Cib
Power Derating Curve
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
200
TC, Case Temeprature(℃)


Similar Part No. - BTD2195SN3-0-T1-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD2195SN3-0-T1-G CYSTEKEC-BTD2195SN3-0-T1-G Datasheet
322Kb / 7P
   NPN Epitaxial Planar Transistor
More results

Similar Description - BTD2195SN3-0-T1-G

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com