Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5160T Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # PBSS5160T
Description  Silicon PNP transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

PBSS5160T Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  PBSS5160T Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS5160T Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS5160T Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS5160T Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS5160T Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS5160T Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PBSS5160T
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
3 / 6
电参数曲线图 / Electrical Characteristic Curve


Similar Part No. - PBSS5160T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5160T PHILIPS-PBSS5160T Datasheet
109Kb / 10P
   60 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 27
PBSS5160T PHILIPS-PBSS5160T Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS5160T NEXPERIA-PBSS5160T Datasheet
696Kb / 11P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 15 January 2010
logo
Goodwork Semiconductor ...
PBSS5160T GWSEMI-PBSS5160T Datasheet
196Kb / 4P
   TRANSISTOR(PNP)
logo
Guangdong Kexin Industr...
PBSS5160T-HF KEXIN-PBSS5160T-HF_15 Datasheet
1Mb / 5P
   PNP Transistors
More results

Similar Description - PBSS5160T

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BCW30 FOSHAN-BCW30 Datasheet
911Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
MMBT589 FOSHAN-MMBT589 Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SA1036K FOSHAN-2SA1036K Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB709A FOSHAN-2SB709A Datasheet
771Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1198K FOSHAN-2SB1198K Datasheet
691Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
2SB1295 FOSHAN-2SB1295 Datasheet
632Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC858 FOSHAN-BC858 Datasheet
910Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
MMBT4403 FOSHAN-MMBT4403 Datasheet
804Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
BC856 FOSHAN-BC856 Datasheet
896Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
FMMT591 FOSHAN-FMMT591 Datasheet
790Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
KSA1182 FOSHAN-KSA1182 Datasheet
698Kb / 6P
   Silicon PNP transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com