Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50ZL56MEFCT16.3X11 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 50ZL56MEFCT16.3X11
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50ZL56MEFCT16.3X11 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  50ZL56MEFCT16.3X11 Datasheet HTML 1Page - RUBYCON CORPORATION 50ZL56MEFCT16.3X11 Datasheet HTML 2Page - RUBYCON CORPORATION 50ZL56MEFCT16.3X11 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
ZL
SERIES
ZL
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
6.3∼100Vdc
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater.(After 2 minutes)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(Vdc)
Rated Voltage
(Vdc)
tanδ
0.22
6.3
0.19
10
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
0.08
100
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for specified time at 105℃,
the capacitors shall meet the following requirements.
When capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
(20℃,
120Hz)
(120Hz)
105℃ High Ripple Current, Low Impedance
Load Life : 105℃ 1000∼5000 hours.
RoHS
compliance
Case Size
Life Time
(hrs)
L=7
1000
φD≦6.3
L≧11
2000
φD= 8
3000
φD= 10
4000
φD≧12.5
5000
Rated Voltage
(Vdc)
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
3
6.3
3
10
3
16
3
25
3
35
3
50
3
2222222
63
3
2
100
◆MULTIPLIER FOR RIPPLE CURRENT
◆PART NUMBER
□□□
Rated Voltage
ZL
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
(mm)
◆DIMENSIONS
◆OPTION
Frequency
(Hz)
120
1k
10k
100k≦
0.50
0.73
0.92
1.00
82∼270μF
0.40
0.70
0.90
1.00
5.6∼68μF
Coefficient
0.55
0.77
0.94
1.00
330∼680μF
0.60
0.80
0.96
1.00
820∼1800μF
0.70
0.85
0.98
1.00
2200∼6800μF
φD
〈L≧11〉
φd
F
α
5
0.5
2.0
6.3
2.5
8
3.5
L≦16 : α=1.5 L≧20 : α=2.0
10
0.6
5.0
12.5
16
18
0.8
7.5
φD
〈L=7〉
φd
F
α
4
1.5
5
2.0
6.3
2.5
1.0
8
3.5
0.45
PET Sleeve
Code
EFC
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)


Similar Part No. - 50ZL56MEFCT16.3X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
50ZL100MEFC8X11.5 RUBYCON-50ZL100MEFC8X11.5 Datasheet
276Kb / 3P
   105??High ripple current, Low impedance.
50ZLH1000M16X25 RUBYCON-50ZLH1000M16X25 Datasheet
59Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ZLH100M8X115 RUBYCON-50ZLH100M8X115 Datasheet
59Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ZLH120M8X16 RUBYCON-50ZLH120M8X16 Datasheet
59Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ZLH150M10X125 RUBYCON-50ZLH150M10X125 Datasheet
59Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 50ZL56MEFCT16.3X11

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com