Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63ZLH560MEFC12.5X30 Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # 63ZLH560MEFC12.5X30
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

63ZLH560MEFC12.5X30 Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  63ZLH560MEFC12.5X30 Datasheet HTML 1Page - RUBYCON CORPORATION 63ZLH560MEFC12.5X30 Datasheet HTML 2Page - RUBYCON CORPORATION 63ZLH560MEFC12.5X30 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
◆STANDARD SIZE
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
ZLH
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
63
80
18
47
82
100
120
150
180
270
270
330
390
470
560
560
680
820
820
820
1200
1200
1500
1500
1800
1800
2200
12
33
56
68
82
100
120
180
180
220
270
330
390
390
470
560
560
560
680
820
820
1000
1000
1200
1500
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
16×35.5
18×25
16×40
18×31.5
18×35.5
18×40
173
278
525
688
725
861
998
1200
1200
1410
1570
1990
2410
2100
2620
2940
2730
2500
2990
2800
3040
3300
3570
3570
3670
163
267
462
585
624
735
780
1040
975
1170
1430
1620
1950
1750
2140
2340
2210
1950
2400
2600
2270
2860
2470
2860
3510
0.88
0.35
0.22
0.16
0.15
0.12
0.11
0.078
0.082
0.069
0.060
0.043
0.035
0.043
0.033
0.027
0.032
0.038
0.024
0.031
0.021
0.025
0.019
0.020
0.018
1.4
0.57
0.36
0.25
0.23
0.19
0.17
0.12
0.13
0.11
0.085
0.060
0.051
0.058
0.043
0.036
0.044
0.054
0.033
0.029
0.038
0.027
0.031
0.027
0.026
3.5
1.4
0.88
0.64
0.60
0.48
0.44
0.31
0.27
0.28
0.19
0.14
0.13
0.14
0.11
0.090
0.096
0.10
0.068
0.084
0.057
0.068
0.057
0.054
0.049
5.6
2.3
1.4
1.0
0.96
0.76
0.72
0.52
0.43
0.47
0.31
0.23
0.21
0.21
0.17
0.15
0.16
0.18
0.12
0.10
0.13
0.090
0.11
0.084
0.076
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
Impedance
(Ω MAX)
8.2
18
33
47
56
68
82
100
100
120
150
220
270
270
330
390
390
390
470
470
560
560
680
680
820
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×23
12.5×20
12.5×25
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
163
267
462
585
624
735
780
1040
975
1170
1430
1620
1950
1750
2140
2340
2210
1950
2400
2270
2600
2470
2860
2860
3510
1.4
0.57
0.36
0.25
0.23
0.19
0.17
0.12
0.13
0.11
0.085
0.060
0.051
0.058
0.043
0.036
0.044
0.054
0.033
0.038
0.029
0.031
0.027
0.027
0.026
5.6
2.3
1.4
1.0
0.96
0.76
0.72
0.52
0.43
0.47
0.31
0.23
0.21
0.21
0.17
0.15
0.16
0.18
0.12
0.13
0.10
0.11
0.090
0.084
0.076
100


Similar Part No. - 63ZLH560MEFC12.5X30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
63ZLH5600M125X30 RUBYCON-63ZLH5600M125X30 Datasheet
59Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 63ZLH560MEFC12.5X30

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com