Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61538FP Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # M61538FP
Description  6-Channel Electronic Volume
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61538FP Datasheet(HTML) 5 Page - Hitachi Semiconductor

  M61538FP Datasheet HTML 1Page - Hitachi Semiconductor M61538FP Datasheet HTML 2Page - Hitachi Semiconductor M61538FP Datasheet HTML 3Page - Hitachi Semiconductor M61538FP Datasheet HTML 4Page - Hitachi Semiconductor M61538FP Datasheet HTML 5Page - Hitachi Semiconductor M61538FP Datasheet HTML 6Page - Hitachi Semiconductor M61538FP Datasheet HTML 7Page - Hitachi Semiconductor M61538FP Datasheet HTML 8Page - Hitachi Semiconductor M61538FP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M61538FP
Rev.1.0, Mar.23.2004, page 5 of 11
Clock and Data Timings
tWHC
tcr
25%
75%
LATCH
tWLC
tf
tr
tHLD tSHD
tHHD
tSLD
tHLD
(D0 ~ D15)
tSLD
DATA
CLOCK
50%
25%
75%
Timing Definition of Digital Block
Limits
Parameter
Symbol
Min
Typ
Max
Units
CLOCK cycle time
tcr
8
CLOCK pulse width (“H” level)
tWHC
3.2
CLOCK pulse width (“L” level)
tWLC
3.2
Rising time of clock and data
tr
0.8
Falling time of clock and data
tf
0.8
µs
DATA setup time (Rising time of clock)
tSHD
1.6
DATA setup time (Falling time of clock)
tSLD
1.6
DATA hold time (“H” level)
tHHD
1.6
DATA hold time (“L” level)
tHLD
1.6


Similar Part No. - M61538FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61538FP RENESAS-M61538FP Datasheet
132Kb / 12P
   6-Channel Electronic Volume
More results

Similar Description - M61538FP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M61538FP RENESAS-M61538FP Datasheet
132Kb / 12P
   6-Channel Electronic Volume
logo
New Japan Radio
NJW1151 NJRC-NJW1151 Datasheet
154Kb / 17P
   6-CHANNEL ELECTRONIC VOLUME
logo
Princeton Technology Co...
PT2258 PTC-PT2258_07 Datasheet
228Kb / 17P
   6-Channel Electronic Volume Controller IC
PT2258 PTC-PT2258 Datasheet
180Kb / 15P
   6-Channel Electronic Volume Controller IC
logo
Fujitsu Component Limit...
MB87077 FUJITSU-MB87077 Datasheet
535Kb / 13P
   6-bit, 4-channel Electronic Volume Controller
logo
New Japan Radio
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
   6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
Fujitsu Component Limit...
MB87078 FUJITSU-MB87078 Datasheet
525Kb / 13P
   6-bit, 4-channel Electronic Volume Controller
logo
New Japan Radio
NJU72343 NJRC-NJU72343 Datasheet
479Kb / 16P
   8-CHANNEL ELECTRONIC VOLUME
Ver.2.6E
logo
Mitsubishi Electric Sem...
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
   2 CHANNEL ELECTRONIC VOLUME BALANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com