Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400RX301R5M8X11.5 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 400RX301R5M8X11.5
Description  RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

400RX301R5M8X11.5 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  400RX301R5M8X11.5 Datasheet HTML 1Page - RUBYCON CORPORATION 400RX301R5M8X11.5 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
RX30
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./130℃, 100kHz)
20℃, 100kHz
Impedance
(Ω MAX)
10
16
25
35
50
63
100
Rated
Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./130℃, 100kHz)
200
400
22
15
4.7
5.6
6.8
10
4.7
5.6
6.8
33
2.2
2.7
3.3
1.5
1.8
1
330
470
1000
2200
3300
4700
330
470
1000
2200
3300
4700
220
330
470
1000
2200
3300
100
220
330
470
1000
2200
3300
4.7
10
22
33
47
100
220
330
470
1000
2200
33
47
100
220
330
470
1000
1500
4.7
10
22
33
47
100
220
330
470
8×11.5
10×12.5
10×20
12.5×25
16×25
16×31.5
8×11.5
10×12.5
10×20
12.5×25
16×31.5
16×35.5
8×11.5
10×12.5
10×16
12.5×20
16×31.5
16×35.5
8×11.5
10×12.5
10×16
10×20
12.5×25
16×35.5
18×35.5
8×11.5
8×11.5
8×11.5
8×11.5
8×11.5
10×12.5
10×20
12.5×20
12.5×25
16×31.5
18×40
8×11.5
10×12.5
10×16
12.5×20
12.5×25
16×25
16×31.5
18×40
8×11.5
8×11.5
8×11.5
10×12.5
10×16
12.5×20
16×25
16×31.5
18×31.5
360
620
960
1430
1900
2300
360
620
960
1430
2300
2550
360
620
800
1100
2300
2550
360
620
800
960
1430
2550
2800
100
200
260
300
300
520
890
1000
1200
2180
2800
250
400
450
820
1000
1500
1850
2350
100
200
220
260
330
670
1100
1300
1600
0.22
0.15
0.073
0.040
0.038
0.034
0.22
0.15
0.073
0.040
0.034
0.031
0.22
0.15
0.10
0.055
0.034
0.031
0.22
0.15
0.10
0.073
0.040
0.031
0.028
0.85
0.60
0.35
0.28
0.28
0.18
0.082
0.065
0.051
0.037
0.029
0.40
0.27
0.20
0.10
0.072
0.069
0.056
0.043
1.3
1.0
0.67
0.45
0.33
0.17
0.13
0.10
0.092
6.3×11
8×11.5
8×11.5
8×16
8×11.5
8×16
8×16
8×20
8×16
8×20
8×20
10×16
10×20
6.3×11
8×11.5
8×11.5
8×16
8×11.5
8×16
8×11.5
8×16
8×20
8×16
8×20
8×16
8×20
8×20
10×16
10×16
10×20
10×20
100
120
130
180
130
180
200
240
200
240
300
240
320
60
65
75
80
75
85
75
90
110
95
115
100
120
120
125
130
145
150


Similar Part No. - 400RX301R5M8X11.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400RX304R7M10X16 RUBYCON-400RX304R7M10X16 Datasheet
175Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 400RX301R5M8X11.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLH270MEFC8X16 RUBYCON-35ZLH270MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35ZLJ100M6.3X11 RUBYCON-35ZLJ100M6.3X11 Datasheet
198Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
63YXF47MEFC8X11.5 RUBYCON-63YXF47MEFC8X11.5 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com