Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1615 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1615
Description  Integrated Circuit B/W TV Tuner Bandswitch Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1615 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1615 Datasheet HTML 1Page - NTE Electronics NTE1615 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1615
Integrated Circuit
B/W TV Tuner Bandswitch Circuit
Description:
The NTE1615 is an integrated circuit in a 9–Lead SIP type package designed for use as a B/W TV
tuner bandswitch circuit.
Features:
D Continuous VHF Band Tuning without High and Low Band Switching Operation
D Low Drain Current from Tuning Reference Voltage Supply
D High Breakdown Voltage Process
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, I1
–10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, I6
–25mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, I8
–10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, I2
+20mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
300mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperatuere Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. + and – are flow–in and flow–out current to/from the circuit respectively.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Circuit Current
I9
V3 = 16V
1.0
1.5
2.0
mA
I4
V3 = 16V
11
14
17
mA
Circuit Voltage
V9–1
V3 = 14V
1.5
V
V9–8
V3 = 14V
1.5
V
V2–5
V3 = 16V
0.3
V
V4–6
V3 = 16V
1.2
V


Similar Part No. - NTE1615

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE161 NTE-NTE161 Datasheet
24Kb / 2P
   Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
NTE1610 NTE-NTE1610 Datasheet
19Kb / 2P
   Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
   Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
NTE1612 NTE-NTE1612 Datasheet
18Kb / 2P
   Integrated Circuit AF PO, 0.7W for Battery Use
NTE1616 NTE-NTE1616 Datasheet
20Kb / 2P
   Integrated Circuit TV Sound IF Amp/Detector, Driver
More results

Similar Description - NTE1615

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1688 NTE-NTE1688 Datasheet
21Kb / 2P
   Integrated Circuit TV Tuner Bandswitch
NTE1837 NTE-NTE1837 Datasheet
24Kb / 3P
   Integrated Circuit TV Tuner Controller
NTE1575 NTE-NTE1575 Datasheet
18Kb / 2P
   Integrated Circuit B/W TV Sound IF Amplifier
NTE1708 NTE-NTE1708 Datasheet
19Kb / 2P
   Integrated Circuit TV Tuner Band Selector
NTE1607 NTE-NTE1607 Datasheet
19Kb / 2P
   Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1610 NTE-NTE1610 Datasheet
19Kb / 2P
   Integrated Circuit B/W TV Video Detector Amplifier, IF AGC Circuit
NTE1620 NTE-NTE1620 Datasheet
19Kb / 2P
   Integrated Circuit B/W TV Video IF Amplifier, RF AGC Circuit
logo
Sanyo Semicon Device
LA7806 SANYO-LA7806 Datasheet
83Kb / 3P
   B/W TV Synchronization, Deflection Circuit?
logo
Tiger Electronic Co.,Lt...
LA7806 TGS-LA7806 Datasheet
145Kb / 3P
   B/W TV Synchronization, Deflection Circuit
logo
Sanyo Semicon Device
LA7535 SANYO-LA7535 Datasheet
166Kb / 4P
   CIRCUIT FOR B/W TV APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com