Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA79XX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA79XX
Description  3-Terminal 1A Negative Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA79XX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA79XX Datasheet HTML 7Page - Fairchild Semiconductor KA79XX Datasheet HTML 8Page - Fairchild Semiconductor KA79XX Datasheet HTML 9Page - Fairchild Semiconductor KA79XX Datasheet HTML 10Page - Fairchild Semiconductor KA79XX Datasheet HTML 11Page - Fairchild Semiconductor KA79XX Datasheet HTML 12Page - Fairchild Semiconductor KA79XX Datasheet HTML 13Page - Fairchild Semiconductor KA79XX Datasheet HTML 14Page - Fairchild Semiconductor KA79XX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
KA79XX/KA79XXA
11
Electrical Characteristics (KA7905A) (Continued)
(VI = -10V, IO = 500mA, 0
°C ≤TJ ≤ +125°C, CI =2.2µF, CO =1µF, unless otherwise specified.)
Note
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
-4.9
-5.0
-5.1
V
IO = 5mA to 1A, PO
≤ 15W
VI = -7V to -20V
-4.8
-5.0
-5.2
Line Regulation (Note1)
∆VO
TJ = +25
°C
VI = -7V to -20V
IO = 1A
-5
50
mV
VI = -8V to -12V
IO = 1A
-2
25
VI = -7.5V to -25V
-
7
50
VI = -8V to -12V, IO=1A
-
7
50
Load Regulation (Note1)
∆VO
IO = 5mA to 1.5A
TJ = +25
°C
-
10
100
mV
TJ =+25
°C, IO = 250mA to 750mA
-
3
50
Quiescent Current
IQ
TJ =+25
°C-
3
6
mA
Quiescent Current Change
∆IQ
IO = 5mA to 1A
-
0.05
0.5
mA
VI = -8V to -25V
-
0.1
0.8
Temperature Coefficient of VD
∆Vo/∆TIO = 5mA
-
-0.4
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz, TA =+25
°C-
40
-
µV
Ripple Rejection
RR
f = 120Hz,
∆VI = 10V
54
60
-
dB
Dropout Voltage
VD
TJ = +25
°C, IO = 1A
-
2
-
V
Short Circuit Current
ISC
TJ = +25
°C, VI = -35V
-
300
-
mA
Peak Current
IPK
TJ = +25
°C-
2.2
-
A


Similar Part No. - KA79XX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
KA79XX FAIRCHILD-KA79XX Datasheet
117Kb / 15P
   FIXED VOLTAGE REGULATOR (NEGATIVE)
KA79XXA FAIRCHILD-KA79XXA Datasheet
117Kb / 15P
   FIXED VOLTAGE REGULATOR (NEGATIVE)
More results

Similar Description - KA79XX

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com