Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022182051 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0022182051
Description  KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m Gold (Au), 5Circuits, with Hooks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0022182051 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0022182051_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0022182051_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/29/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022182051
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38µm Gold (Au), 5
Circuits, with Hooks
Documents:
3D Model
Product Specification PS-10-07-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
4455
Application
Board-to-Board, Signal
Comments
With Hooks
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
800754932943
Physical
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Natural (White)
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
0.531/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.35mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Tray
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
0.381µm
Plating min - Termination
2.540µm
Polarized to PCB
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Grounding to PCB
No
Voltage - Maximum
500V
Solder Process Data
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
4455 Series
Mates With
KK® Header 4094 , 42376 , 42375 , 42377
, 171856 , 171857 <br>SL™ Insulation
Displacement Connector 70475


Similar Part No. - 0022182051_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022182051 MOLEX2-0022182051 Datasheet
629Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m (15關) Gold (Au), 5 Circuits, With Hooks
More results

Similar Description - 0022182051_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022182053 MOLEX1-0022182053_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.50關m Gold (Au), 5Circuits, with Hooks
0022182071 MOLEX1-0022182071_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m Gold (Au), 7Circuits, with Hooks
0022182061 MOLEX1-0022182061_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m Gold (Au), 6Circuits, with Hooks
0022182031 MOLEX1-0022182031_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m Gold (Au), 3Circuits, with Hooks
0022182151 MOLEX1-0022182151_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m Gold (Au), 15Circuits, with Hooks
0022182091 MOLEX1-0022182091_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m Gold (Au), 9Circuits, with Hooks
0022182141 MOLEX1-0022182141_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m Gold (Au), 14Circuits, with Hooks
0022182181 MOLEX1-0022182181_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m Gold (Au), 18Circuits, with Hooks
0022182021 MOLEX1-0022182021_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m Gold (Au), 2Circuits, with Hooks
0022182081 MOLEX1-0022182081_17 Datasheet
44Kb / 2P
   KK 254 PC Board Connector, Top Entry, with Cat Ear Terminal, 0.38關m Gold (Au), 8Circuits, with Hooks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com