Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L38812 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L38812
Description  LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L38812 Datasheet(HTML) 4 Page - Unisonic Technologies

  L38812 Datasheet HTML 1Page - Unisonic Technologies L38812 Datasheet HTML 2Page - Unisonic Technologies L38812 Datasheet HTML 3Page - Unisonic Technologies L38812 Datasheet HTML 4Page - Unisonic Technologies L38812 Datasheet HTML 5Page - Unisonic Technologies L38812 Datasheet HTML 6Page - Unisonic Technologies L38812 Datasheet HTML 7Page - Unisonic Technologies L38812 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UTC L388 12 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
4
QW-R108-013,A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
+TxIn input impedance
80
100
120
-TxIn input impedance
2.4
3.0
3.6
-RxIn input impedance
16
20
24
Txout ac, load impedance
10
Rxout ac, load impedance
10
F2out ac, load impedance
10
F5out ac, load impedance
10
Transmitter channel output swing, VTXOut 2% distortion, RTxout=RRxout=25 kΩ
500
mVp
Receiver channel output swing, VRxOut
2% distortion, RTxout=RRxout=25 kΩ
500
mVp
Transmitter output noise, VTxOut
VCMP=VRef-0.1V,vTXIn=0V
-75
dBpsof
Receiver output noise, VRxOut
VCMP=VRef+0.1V,vRXIn=0V
-75
dBA
TxDet sink current, ITxDetOut
VtxDetIn=VRef+0.1V
-6.0
-2.5
mA
RxDet source current, IRxDetOut
VRxIn=VRef-0.1V
2.5
6.0
mA
TxDet source current, ITxDet
VCMP=VRef-0.1V
30
μ
A
RxDet sink current, IRxDetOut
VRxDetIn=VRef+0.1V
-30
μ
A
TxDet swing relative to VRef, VTxDetOut
VTxDetIn=VRef+0.1V
(note 2)
-0.7
V
RxDet swing relative to VRef, VRxDetOut
VRxDetIn=VRef-0.1V
(note 2) +0.7
V
NDet sink current (fast charge), INDet
VTxDetIn=VRef-0.1V
VCMP=VRef-0.1V
-4.5
-1.5
mA
NDet source current, INDet
VTxDetIn=VRef+0.1V
VCMP=VRef+0.1V
3
5
7
μ
A
NDet Ieakage current(hold),INDet
VTxDetIn=VRef-0.1V
VCMP=VRef+0.1V
-100
nA
NDet swing relative to VRef,VNDet
VCMP=VRef-0.1V
VTxDetIn=VRef+0.1V
-0.45
V
CMP(comparator) sensitivity,
Transmit(Tx) mode to receive
(Rx) mode or vice versa
Tx mode=max Tx gain,
Rx mode=max Rx gain
50
100
mV
CTR voltage for 25 dB dynamics,VCTR
VCMP=VRef+0.35V,RCTR=100kΩ
V+
V
CTR voltage for mute,ICTR
VCMP=VRef+0.35V
μ
A
CTR voltage for disable,VCTR
0.55
V
Notes:
VNDet-VRef
1. 20· log (
)
VTxDet-VTxDetO
VNDet=voltage at noise detector output
VRef=reference voltage (about 1.9V)
VTxDet=Voltage at transmit detector output
VTxDetO=voltage at transmit detector at the point
when the voltage at the noise detector starts
moving when a signal at transmit channel input is
gradually increased (threshold, typical value 30 mV)
2.
Depends on V+. Channels are tracking.


Similar Part No. - L38812

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L3882 HAMAMATSU-L3882 Datasheet
144Kb / 4P
   High output red LED
L3882 HAMAMATSU-L3882_15 Datasheet
193Kb / 5P
   Red LED
More results

Similar Description - L38812

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com