Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA828IDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA828IDR
Description  50-uV Offset, 7-nV Noise, Low-Power, Precision Instrumentation Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA828IDR Datasheet(HTML) 3 Page - Texas Instruments

  INA828IDR Datasheet HTML 1Page - Texas Instruments INA828IDR Datasheet HTML 2Page - Texas Instruments INA828IDR Datasheet HTML 3Page - Texas Instruments INA828IDR Datasheet HTML 4Page - Texas Instruments INA828IDR Datasheet HTML 5Page - Texas Instruments INA828IDR Datasheet HTML 6Page - Texas Instruments INA828IDR Datasheet HTML 7Page - Texas Instruments INA828IDR Datasheet HTML 8Page - Texas Instruments INA828IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
RG
8
RG
2
±IN
7
+VS
3
+IN
6
OUT
4
-VS
5
REF
3
INA828
www.ti.com
SBOS792 – AUGUST 2017
Product Folder Links: INA828
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
RG
1
Gain setting pin. Place a gain resistor between pin 1 and pin 8.
8
–IN
2
I
Negative (inverting) input
+IN
3
I
Positive (noninverting) input
–VS
4
Negative supply
REF
5
I
Reference input. This pin must be driven by a low impedance source.
OUT
6
O
Output
+VS
7
Positive supply


Similar Part No. - INA828IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA828 TI-INA828 Datasheet
3Mb / 36P
[Old version datasheet]   INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA828 TI-INA828 Datasheet
3Mb / 33P
[Old version datasheet]   INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA828 TI-INA828 Datasheet
1Mb / 28P
[Old version datasheet]   INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Optional Attenuating Gain
MARCH 2022
INA828 TI-INA828 Datasheet
3Mb / 52P
[Old version datasheet]   INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
More results

Similar Description - INA828IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA821 TI1-INA821 Datasheet
1Mb / 36P
[Old version datasheet]   35-uV Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA818 TI1-INA818 Datasheet
1Mb / 39P
[Old version datasheet]   35-uV Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_19 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_18 Datasheet
1Mb / 41P
[Old version datasheet]   35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA821 TI1-INA821_V01 Datasheet
2Mb / 45P
[Old version datasheet]   INA821 35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819 Datasheet
1Mb / 43P
[Old version datasheet]   35-關V Offset, 8-nV/?숰z Noise, Low-Power Precision Instrumentation Amplifier
INA819 TI1-INA819_19 Datasheet
1Mb / 44P
[Old version datasheet]   35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
INA819 TI1-INA819_V01 Datasheet
2Mb / 45P
[Old version datasheet]   INA819 35-關V Offset, 8-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
logo
Analog Devices
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
   1 nV/?숰z Low Noise Instrumentation Amplifier
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com