Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA6V5A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SA6V5A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SA6V5A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SA6V5A Datasheet HTML 1Page - Fairchild Semiconductor SA6V5A Datasheet HTML 2Page - Fairchild Semiconductor SA6V5A Datasheet HTML 3Page - Fairchild Semiconductor SA6V5A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SA5V0(C)A - SA170(C)A, Rev. D
Transient Voltage Suppressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
* For bidirectional parts with V
RWM<10V, the IR max limit is doubled.
Uni-directional
Bi-directional (C)
Device
Reverse
Stand-off Voltage
VRWM (V)
Breakdown Voltage
VBR(V)
Test
Current
IT(mA)
Clamping Voltage
@IPPM
VC (V)
Peak Pulse
Current
IPPM (A)
Reverse
Leakage VRWM
IR(uA)*
min
max
SA5V0(C)A
5.0
6.40
7.00
10
9.2
54.3
600
SA6V0(C)A
6.0
6.67
7.37
10
10.3
48.5
600
SA6V5(C)A
6.5
7.22
7.98
10
11.2
44.7
400
SA7V0(C)A
7.0
7.78
8.60
10
12.0
41.7
150
SA7V5(C)A
7.5
8.33
9.21
1.0
12.9
38.8
50
SA8V0(C)A
8.0
8.89
9.83
1.0
13.6
36.7
25
SA8V5(C)A
8.5
9.44
10.4
1.0
14.4
34.7
10
SA9V0(C)A
9.0
10.0
11.1
1.0
15.4
32.5
5
SA10(C)A
10
11.1
12.3
1.0
17.0
29.4
1
SA11(C)A
11
12.2
13.5
1.0
18.2
27.4
1
SA12(C)A
12
13.3
14.7
1.0
19.9
25.1
1
SA13(C)A
13
14.4
15.9
1.0
21.5
23.2
1
SA14(C)A
14
15.6
17.2
1.0
23.2
21.5
1
SA15(C)A
15
16.7
18.5
1.0
24.4
20.6
1
SA16(C)A
16
17.8
19.7
1.0
26.0
19.2
1
SA17(C)A
17
18.9
20.9
1.0
27.6
18.1
1
SA18(C)A
18
20.0
22.1
1.0
29.2
17.2
1
SA20(C)A
20
22.2
24.5
1.0
32.4
15.4
1
SA22(C)A
22
24.4
26.9
1.0
35.5
14.1
1
SA24(C)A
24
26.7
29.5
1.0
38.9
12.8
1
SA26(C)A
26
28.9
31.9
1.0
42.1
11.9
1
SA28(C)A
28
31.1
34.4
1.0
45.4
11.0
1
SA30(C)A
30
33.3
36.8
1.0
48.4
10.3
1
SA33(C)A
33
36.7
40.6
1.0
53.3
9.4
1
SA36(C)A
36
40.0
44.2
1.0
58.1
8.6
1
SA40(C)A
40
44.4
49.1
1.0
64.5
7.8
1
SA43(C)A
43
47.8
52.8
1.0
69.4
7.2
1
SA45(C)A
45
50.0
55.3
1.0
72.7
6.9
1
SA48(C)A
48
53.3
58.9
1.0
77.4
6.5
1
SA51(C)A
51
56.7
62.7
1.0
82.4
6.1
1
SA54(C)A
54
60.0
66.3
1.0
87.1
5.7
1
SA58(C)A
58
64.4
71.2
1.0
93.6
5.3
1
SA60(C)A
60
66.7
73.7
1.0
96.8
5.2
1
SA64(C)A
64
71.1
78.6
1.0
103.0
4.9
1
SA70(C)A
70
77.8
86.0
1.0
113.0
4.4
1
SA75(C)A
75
83.3
92.1
1.0
121.0
4.1
1
SA78(C)A
78
86.7
95.8
1.0
126.0
4.0
1
SA85(C)A
85
94.4
104.0
1.0
137.0
3.6
1
SA90(C)A
90
100.0
111.0
1.0
146.0
3.4
1
SA100(C)A
100
111.0
123.0
1.0
162.0
3.1
1
SA110(C)A
110
122.0
135.0
1.0
177.0
2.8
1
SA120(C)A
120
133.0
147.0
1.0
193.0
2.7
1
SA130(C)A
130
144.0
159.0
1.0
209.0
2.4
1
SA150(C)A
150
167.0
185.0
1.0
243.0
2.1
1
SA160(C)A
160
178.0
197.0
1.0
259.0
1.9
1
SA170(C)A
170
189.0
209.0
1.0
275.0
1.8
1


Similar Part No. - SA6V5A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SA6V5A DIODES-SA6V5A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA6V5A LUGUANG-SA6V5A Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
SA6V5A LUGUANG-SA6V5A Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Comchip Technology
SA6V5A(CA)-G COMCHIP-SA6V5A(CA)-G Datasheet
145Kb / 7P
   Axial Lead Transient Voltage Suppressor
SA6V5A-HF COMCHIP-SA6V5A-HF Datasheet
381Kb / 6P
   Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA6V5A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com