Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLCV25T-2R2M-PF Datasheet(PDF) 2 Page - TDK Electronics

Part # NLCV25T-2R2M-PF
Description  Inductors (Coils)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLCV25T-2R2M-PF Datasheet(HTML) 2 Page - TDK Electronics

  NLCV25T-2R2M-PF Datasheet HTML 1Page - TDK Electronics NLCV25T-2R2M-PF Datasheet HTML 2Page - TDK Electronics NLCV25T-2R2M-PF Datasheet HTML 3Page - TDK Electronics NLCV25T-2R2M-PF Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inductors (Coils)
2 of 4
Creation Date : August 29, 2017 (GMT)
NLCV25T-2R2M-PF
Characteristic Graphs(This is reference data, and does not guarantee the products characteristics.)
Impedance
NLCV25T-2R2M-PF
Rac
NLCV25T-2R2M-PF
Inductance
NLCV25T-2R2M-PF
Q
NLCV25T-2R2M-PF
DC Bias Characteristic
NLCV25T-2R2M-PF (Amb. Temp. = 20 °C)
Temperature Characteristic
NLCV25T-2R2M-PF(No Bias)
NLCV25T-2R2M-PF(DC Bias = 0.20A)
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - NLCV25T-2R2M-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLCV25T-2R2M-PF TDK-NLCV25T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
NLCV25T-2R2M-PF TDK-NLCV25T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV25T-2R2M-PFD TDK-NLCV25T-2R2M-PFD Datasheet
196Kb / 4P
   Inductors (Coils)
NLCV25T-2R2M-PFR TDK-NLCV25T-2R2M-PFR Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current NLCV/NLC series
NLCV25T-2R2M-PFR TDK-NLCV25T-2R2M-PFR Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
More results

Similar Description - NLCV25T-2R2M-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CLF12577NIT-6R8N-D TDK-CLF12577NIT-6R8N-D Datasheet
322Kb / 3P
   Inductors (Coils)
CLF12577NIT-100M-D TDK-CLF12577NIT-100M-D Datasheet
321Kb / 3P
   Inductors (Coils)
CLF12577NIT-101M-D TDK-CLF12577NIT-101M-D Datasheet
321Kb / 3P
   Inductors (Coils)
CLF12577NIT-150M-D TDK-CLF12577NIT-150M-D Datasheet
322Kb / 3P
   Inductors (Coils)
MLJ1005WR16JT000 TDK-MLJ1005WR16JT000 Datasheet
69Kb / 3P
   Inductors (Coils)
NLCV32T-3R3M-PFD TDK-NLCV32T-3R3M-PFD Datasheet
193Kb / 4P
   Inductors (Coils)
NLV25T-2R2J-EF TDK-NLV25T-2R2J-EF Datasheet
181Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N2BT000 TDK-MHQ0402PSA1N2BT000_17 Datasheet
186Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N3CT000 TDK-MHQ0402PSA1N3CT000_17 Datasheet
188Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N5BT000 TDK-MHQ0402PSA1N5BT000_17 Datasheet
187Kb / 3P
   Inductors (Coils)
MHQ0402PSA3N3BT000 TDK-MHQ0402PSA3N3BT000_17 Datasheet
186Kb / 3P
   Inductors (Coils)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com