Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1206C333K5RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1206C333K5RACTU
Description  Ceramic, Commercial-(CxxxxC), 0.033 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206C333K5RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1206C333K5RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 96e15927-664e-4618-af69-ee6d6ac0f42c
KEMET Part Number: C1206C333K5RACTU
(C1206C333K5RAC7800)
Ceramic, Commercial-(CxxxxC), 0.033 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
Dimensions
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
0.78mm +/-0.10mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: Commercial-(CxxxxC)
Chip Size: 1206
Description: SMD, MLCC, Temperature
Stable, Class II
Features: Temperature Stable, Class II
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.033 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 30.303 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1206C333K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C333K5RACAUTO KEMET-C1206C333K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.033 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results

Similar Description - C1206C333K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C333K5RACTU KEMET-C0805C333K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.033 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C105K5RACTU KEMET-C1206C105K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C474K5RACTU KEMET-C1206C474K5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.47 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C334K5RACTU KEMET-C1206C334K5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.33 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C103K5RACTU KEMET-C1206C103K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C224K5RACTU KEMET-C1206C224K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.22 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C223K5RACTU KEMET-C1206C223K5RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.022 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C475K5RACTU KEMET-C1206C475K5RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 4.7 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C683K5RACTU KEMET-C1206C683K5RACTU Datasheet
72Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.068 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
C1206C104K5RACTM KEMET-C1206C104K5RACTM Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com