Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1857 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1857
Description  500mA, Low-Dropout, Ripple-Rejecting LDO in MAX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1857 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1857 Datasheet HTML 1Page - Maxim Integrated Products MAX1857 Datasheet HTML 2Page - Maxim Integrated Products MAX1857 Datasheet HTML 3Page - Maxim Integrated Products MAX1857 Datasheet HTML 4Page - Maxim Integrated Products MAX1857 Datasheet HTML 5Page - Maxim Integrated Products MAX1857 Datasheet HTML 6Page - Maxim Integrated Products MAX1857 Datasheet HTML 7Page - Maxim Integrated Products MAX1857 Datasheet HTML 8Page - Maxim Integrated Products MAX1857 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX1857 low-dropout linear regulator operates
from a +2.5V to +5.5V supply and delivers a guaran-
teed 500mA load current with low 120mV dropout. The
high-accuracy (±1%) output voltage is preset at an
internally trimmed 4.75V or can be adjusted from 1.25V
to 5.0V with an external resistive divider.
An internal PMOS pass transistor allows the low 135µA
supply current to remain independent of load, making
this device ideal for portable battery-operated equip-
ment such as personal digital assistants (PDAs), cellu-
lar phones, cordless phones, base stations, and
notebook computers.
Other features include an active-low open-drain reset
output with a 4.5ms timeout period that indicates when
the output is out of regulation, a 0.1µA shutdown mode,
short-circuit protection, and thermal shutdown protec-
tion. The device is available in a miniature 8-pin µMAX
package. For higher power applications, refer to the
MAX1792 and MAX1793 data sheets.
________________________Applications
Notebook Computers
Cellular and Cordless Telephones
PDAs
Palmtop Computers
Base Stations
USB Hubs
Docking Stations
Features
o Guaranteed 500mA Output Current
o Low 120mV Dropout at 500mA
o Up to ±1% Output Voltage Accuracy
Preset at 4.75V
Adjustable from 1.25V to 5.0V
o Reset Output with 4.5ms Timeout Period
o Low 135µA Ground Current
o 0.1µA Shutdown Current
o Thermal Overload Protection
o Output Current Limit
o Tiny µMAX Package
500mA, Low-Dropout,
Ripple-Rejecting LDO in µMAX
________________________________________________________________ Maxim Integrated Products
1
SET
GND
SHDN
1
2
8
7
OUT
OUT
IN
RST
IN
µMAX
TOP VIEW
3
4
6
5
MAX1857
Pin Configuration
NC
MAX1857
IN
IN
ON
OFF
CIN
1
µF
SHDN
OUT
OUT
RST
GND
SET
COUT
3.3
µF
TO
µC
VIN = +5V
VOUT = 4.75V
RRST
100k
Typical Operating Circuit
19-1812; Rev 0; 1/01
Ordering Information
PART*
TEMP. RANGE
PIN-PACKAGE
MAX1857EUA47
-40
°C to +85°C
8
µMAX
*Contact factory for other preset output voltages.
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1857

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX185 MAXIM-MAX185 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1852EXT MAXIM-MAX1852EXT Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1853 MAXIM-MAX1853 Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
MAX1853EXT MAXIM-MAX1853EXT Datasheet
217Kb / 8P
   SC70 Inverting Charge Pumps with Shutdown
More results

Similar Description - MAX1857

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Will Semiconductor Ltd.
WL2803E WILLSEMI-WL2803E Datasheet
879Kb / 10P
   Ultra low dropout, 500mA, CMOS LDO
logo
Micrel Semiconductor
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
   500mA LDO with Ripple Blocker??Technology
logo
Will Semiconductor Ltd.
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
   Ultra low dropout, 500mA/1A, CMOS LDO
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
   HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
   500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
logo
AiT Semiconductor Inc.
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
logo
Maxim Integrated Produc...
MAX1818 MAXIM-MAX1818 Datasheet
262Kb / 9P
   500mA Low-Dropout Linear Regulator in SOT23
19-1860; Rev 1; 3/01
MAX1792 MAXIM-MAX1792 Datasheet
414Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 0; 9/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com