Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSD471A Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # KSD471A
Description  Silicon NPN transistor in a TO-92 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

KSD471A Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  KSD471A Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD471A Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD471A Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD471A Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD471A Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. KSD471A Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD471A
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
1.0
A
Collector Power Dissipation
PC
800
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=100μA
IE=0
40
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=10mA
IB=0
30
V
Emitter to Base Breakdown
Voltage
VEBO
IE=100μA
IC=0
5.0
V
Collector Cut-Off Current
ICBO
VCB=30V
IE=0
0.1
μA
DC Current Gain
hFE
VCE=1.0V
IC=100mA
70
400
Collector-Emitter Saturation
Voltage
VCE(sat) IC=1.0A
IB=0.1A
0.5
V
Base -Emitter Saturation Voltage
VBE(sat) IC=1.0A
IB=0.1A
1.2
V
Current Gain Bandwidth Product
fT
VCE=6.0V
IC=10mA
130
MHz
Output Capacitance
Cob
VCB=6.0V
IE=0
f=1.0MHz
16
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - KSD471A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSD471A SAMSUNG-KSD471A Datasheet
83Kb / 2P
   NPN (AUDIO FREQUENCY POWER AMPLIFIER)
logo
Fairchild Semiconductor
KSD471A FAIRCHILD-KSD471A Datasheet
41Kb / 4P
   Audio Frequency Power Amplifier
KSD471A FAIRCHILD-KSD471A Datasheet
43Kb / 4P
   Audio Frequency Power Amplifier
logo
SeCoS Halbleitertechnol...
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
   General Purpose Transistor
logo
SHENZHEN YONGERJIA INDU...
KSD471A WINNERJOIN-KSD471A Datasheet
126Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - KSD471A

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2N4401 FOSHAN-2N4401 Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2308 FOSHAN-2SC2308 Datasheet
929Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SD882S FOSHAN-2SD882S Datasheet
933Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MPSA44 FOSHAN-MPSA44 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MJE13003VK1 FOSHAN-MJE13003VK1 Datasheet
826Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
2SC1675 FOSHAN-2SC1675 Datasheet
908Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
2SC383TM FOSHAN-2SC383TM Datasheet
830Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
MJE13003L1 FOSHAN-MJE13003L1 Datasheet
863Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package.
KTC3203 FOSHAN-KTC3203 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
KTD1302 FOSHAN-KTD1302 Datasheet
828Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com