Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SED1532 Datasheet(PDF) 1 Page - Epson Company

Part # SED1532
Description  DOT MATRIX LCD CONTROLLER DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1532 Datasheet(HTML) 1 Page - Epson Company

  SED1532 Datasheet HTML 1Page - Epson Company SED1532 Datasheet HTML 2Page - Epson Company SED1532 Datasheet HTML 3Page - Epson Company SED1532 Datasheet HTML 4Page - Epson Company SED1532 Datasheet HTML 5Page - Epson Company SED1532 Datasheet HTML 6Page - Epson Company SED1532 Datasheet HTML 7Page - Epson Company SED1532 Datasheet HTML 8Page - Epson Company SED1532 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SED1530 Series
1
SSC5000Series
Dot Matrix LCD Controller Driver
PF777-03
SED1530 Series
s DESCRIPTION
The SED1530 series is a single-chip LCD driver for dot-matrix liquid crystal displays (LCD’s) which is directly
connectable to a microcomputer bus. It accepts 8-bit serial or parallel display data directly sent from a
microcomputer and stores it in an on-chip display RAM. It generates an LCD drive signal independent of
microprocessor clock.
The use of the on-chip display RAM of 65
× 132 bits and a one-to-one correspondence between LCD panel pixel
dots and on-chip RAM bits permits implementation of displays with a high degree of freedom.
As a total of 133 circuits of common and segment outputs are incorporated, a single chip of SED1530 series can
make 33
× 100-dot (16 × 16-dot kanji font: 6 columns × 2 lines) displays, and a single chip of SED1531 can make
65
× 132-dot (kanji font: 8 columns x 4 lines) displays when the SED1531 is combined with the common driver
SED1635.
The SED1532 can display the 65x200-dot (or 12-column by 4-line Kanji font) area using two ICs in master and
slave modes. As an independent static indicator display is provided for time-division driving, the low-power display
is realized during system standby and others.
No external operation clock is required for RAM read/write operations. Accordingly, this driver can be operated
with a minimum current consumption and its on-board low-current-consumption liquid crystal power supply can
implement a high-performance handy display system with a minimum current consumption and a smallest LSI
configuration.
Two types of SED1530 series are available: one in which common outputs are arranged on a single side and the
other in which common outputs are arranged on both sides.
s FEATURES
q Direct RAM data display using the display RAM. When RAM data bit is 0, it is not displayed. When RAM data
bit is 1, it is displayed. (At normal display)
q RAM capacity: 65
× 132 = 8580 bits
q High-speed 8-bit microprocessor interface allowing direct connection to both the 8080 and 6800.
q Serial interface
q Many command functions: Read/Write Display Data, Display ON/OFF, Normal/Reverse Display, Page
Address Set, Set Display Start Line, Set Column Address, Read Status, All Display ON/OFF, Set LCD Bias,
Electronic contrast Controls, Read Modify Write, Select Segment Driver Direction, Power Save
q Ultra Low Power Consumption
q Built-in Power Supply Circuit for LCD
q 133 Driver Output


Similar Part No. - SED1532

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1501 ETC-SED1501 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1502 ETC-SED1502 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1503 ETC-SED1503 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
logo
Solid States Devices, I...
SED150LB30 SSDI-SED150LB30 Datasheet
185Kb / 2P
   150 AMP 30 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SED1532

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
   Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com