Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3873A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3873A
Description  Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3873A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3873A Datasheet HTML 1Page - Maxim Integrated Products MAX3873A Datasheet HTML 2Page - Maxim Integrated Products MAX3873A Datasheet HTML 3Page - Maxim Integrated Products MAX3873A Datasheet HTML 4Page - Maxim Integrated Products MAX3873A Datasheet HTML 5Page - Maxim Integrated Products MAX3873A Datasheet HTML 6Page - Maxim Integrated Products MAX3873A Datasheet HTML 7Page - Maxim Integrated Products MAX3873A Datasheet HTML 8Page - Maxim Integrated Products MAX3873A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Power, Compact 2.5Gbps or 2.7Gbps
Clock-Recovery and Data-Retiming IC
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V, CF = 0.022µF, TA = -40°C to +85°C. Typical values are at VCC = 3.3V, 2.488Gbps, TA = +25°C, unless otherwise
noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RATESET = low
2.488
Serial Input Data Rate
RATESET = high
2.67
Gbps
Clock-to-Q Delay
tCLK-Q
Figure 2 (Note 5)
-70
+70
ps
Jitter Peaking
JP
f
≤ 2MHz
0.1
dB
Jitter Transfer Bandwidth
JBW
RATESET = Low
2.0
MHz
f = 70kHz, 0.4UI deterministic jitter
on input data
6.9
f = 100kHz, 0.4UI deterministic jitter
on input data
2.12
4.5
f = 1MHz, 0.4UI deterministic jitter
on input data
0.33
0.6
(Notes 6, 8)
f = 10MHz, 0.4UI deterministic jitter
on input data
0.15
0.3
f = 70kHz, 0.4UI deterministic jitter
on input data
6.9
f = 100kHz, 0.4UI deterministic jitter
on input data
2.12
4.5
f = 1MHz, 0.4UI deterministic jitter
on input data
0.33
0.6
Sinusoidal Jitter Tolerance
(Notes 6, 9)
f = 10MHz, 0.37UI deterministic jitter
on input data
0.15
0.3
UIP-P
5
6.8
mUIRMS
(Notes 7, 8)
45
62
mUIP-P
6
7.65
mUIRMS
Jitter Generation
JGEN
(Notes 7, 9)
40
86
mUIP-P
Clock Output Edge
Speed
20% to 80%
60
110
ps
Data Output Edge
Speed
20% to 80%
60
110
ps
Tolerated Consecutive
Identical Digits
2000
bits
100kHz to 2.5GHz
17
SDI± Input Return Loss
(-20log(
S11))
2.5GHz to 4.0GHz
14
dB
Frequency Acquisition
Time
Figure 4
1
ms
µs
LOL Assert Time
Figure 4
1.6


Similar Part No. - MAX3873A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3873A MAXIM-MAX3873A Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
logo
List of Unclassifed Man...
MAX3873AEGP ETC-MAX3873AEGP Datasheet
83Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX3873AEGP MAXIM-MAX3873AEGP Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873AETP++ MAXIM-MAX3873AETP+ Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
More results

Similar Description - MAX3873A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3873 MAXIM-MAX3873 Datasheet
812Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 2; 5/03
MAX3873A MAXIM-MAX3873A_V01 Datasheet
230Kb / 10P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
19-2577; Rev 2; 5/07
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
MAX3876 MAXIM-MAX3876 Datasheet
744Kb / 12P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 1/00
MAX3875A MAXIM-MAX3875A Datasheet
421Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 1; 3/02
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
   622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3877 MAXIM-MAX3877 Datasheet
550Kb / 16P
   2.5Gbps, 3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust
19-2062; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com