Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5350X Datasheet(PDF) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # PBSS5350X
Description  Silicon PNP transistor in a SOT-89 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

PBSS5350X Datasheet(HTML) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  PBSS5350X Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS5350X Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS5350X Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS5350X Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS5350X Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. PBSS5350X Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PBSS5350X
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
5 / 6
印章说明 / Marking Instructions
说明:
H
为公司代码
S46
为型号代码
**: 
为生产批号代码,随生产批号变化。
Note:
H:
Company Code.
S46:
Product Type.
**:
Lot No. Code, code change with Lot No.
HS46


Similar Part No. - PBSS5350X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350X PHILIPS-PBSS5350X Datasheet
107Kb / 11P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2003 Nov 21
PBSS5350X PHILIPS-PBSS5350X Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS5350X NEXPERIA-PBSS5350X Datasheet
277Kb / 12P
   50 V, 3 A PNP low VCEsat transistor
16 May 2022
logo
NXP Semiconductors
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
   PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
More results

Similar Description - PBSS5350X

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
MMBTA92T FOSHAN-MMBTA92T Datasheet
771Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SA1201 FOSHAN-2SA1201 Datasheet
918Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB798 FOSHAN-2SB798 Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB1424 FOSHAN-2SB1424 Datasheet
781Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SA1203 FOSHAN-2SA1203 Datasheet
818Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB1260 FOSHAN-2SB1260 Datasheet
669Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
MMBT5401T FOSHAN-MMBT5401T Datasheet
949Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Rectron Semiconductor
8850T RECTRON-8850T Datasheet
363Kb / 7P
   Silicon PNP transistor in a SOT-89 Plastic Package.
logo
Foshan Blue Rocket Elec...
2SA1213 FOSHAN-2SA1213 Datasheet
949Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
2SB766A FOSHAN-2SB766A Datasheet
908Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com