Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH610A-4 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SFH610A-4
Description  Optocouplers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SFH610A-4 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SFH610A-4 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
1
May 31, 2000-10
Anode
Cathode
Emitter
Collector
Anode
Cathode
Collector
Emitter
4
3
1
2
4
3
1
2
Anode/
Cathode
Cathode/
Anode
1
2
4
3
Collector
Emitter
Anode
Cathode
Collector
Emitter
4
3
1
2
Anode/
Cathode
Cathode/
Anode
1
2
4
3
Collector
Emitter
SFH6106
SFH6156
SFH6186
SFH6206
SFH6286
.255 (6.48)
.268 (6.81)
34
.179 (4.55)
.190 (4.83)
pin one ID
.030 (.76)
.045 (1.14)
4
° typ.
.100 (2.54) typ.
.130 (3.30)
.150 (3.81)
.020 (.508)
.040 (1.02)
.031 (.79)
typ.
.050 (1.27)
typ.
.010 (.25)
typ.
10
°
3
°–7°
.375 (9.52)
.395 (10.03)
.296 (7.52)
.312 (7.90)
.315 (8.00)
min.
Lead
coplanarity
.004 max.
.004 (.102)
.0098 (.249)
Package Dimensions in Inches (mm)
FEATURES
• SMD Versions of SFH610, 615, 618, 620, 628
• Available on Tape and Reel
—To Order Use Suffix “T”
• Field Effect Stable by TRIOS
(TRansparent IOn Shield)
VDE 0884 Available with Option 1
• U.L. Approval, File #E52744
DESCRIPTION
The SFH6106, 6116, 6156, 6186, 6206, 6286 families of
optocouplers are lead bent for SMD applications. They
are electrically equivalent to the SFH610, 615, 618, 620,
and 628 families of optocouplers.
CROSS REFERENCE
SMD
Thru-hole
SFH6106-1
SFH6106-2
SFH6106-3
SFH6106-4
SFH610A-1
SFH610A-2
SFH610A-3
SFH610A-4
SFH6156-1
SFH6156-2
SFH6156-3
SFH6156-4
SFH615A-1
SFH615A-2
SFH615A-3
SFH615A-4
SFH6186-2
SFH6186-3
SFH6186-4
SFH6186-5
SFH618A-2
SFH618A-3
SFH618A-4
SFH618A-5
SFH6206-1
SFH6206-2
SFH6206-3
SFH620A-1
SFH620A-2
SFH620A-3
SFH6286-2
SFH6286-3
SFH6286-4
SFH628A-2
SFH628A-3
SFH628A-4
V
DE
SFH6106
SFH6156
SFH6186
SFH6206
SFH6286
5.3 kV TRIOSHigh Reliability
Optocouplers


Similar Part No. - SFH610A-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH610A-4 VISHAY-SFH610A-4 Datasheet
659Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 1.9, 23-Mar-06
SFH610A-4 VISHAY-SFH610A-4 Datasheet
159Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.2, 23-May-13
SFH610A-4 VISHAY-SFH610A-4 Datasheet
163Kb / 10P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.0, 10-Dec-08
SFH610A-4 VISHAY-SFH610A-4 Datasheet
163Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.4, 27-Jun-16
SFH610A-4 VISHAY-SFH610A-4 Datasheet
192Kb / 9P
   Optocoupler, Phototransistor Output, High Reliability, 5300 VRMS
Rev. 2.5, 28-Mar-18
More results

Similar Description - SFH610A-4

ManufacturerPart #DatasheetDescription
logo
Silonex Inc.
NSL-26 SILONEX-NSL-26 Datasheet
18Kb / 1P
   Optocouplers
NSL-32H-100 SILONEX-NSL-32H-100 Datasheet
207Kb / 1P
   OPTOCOUPLERS
logo
Texas Instruments
TIL124 TI-TIL124 Datasheet
632Kb / 8P
[Old version datasheet]   OPTOCOUPLERS
TIL127 TI-TIL127 Datasheet
235Kb / 6P
[Old version datasheet]   OPTOCOUPLERS
MCT2E TI-MCT2E Datasheet
106Kb / 7P
[Old version datasheet]   OPTOCOUPLERS
TIL153 TI-TIL153 Datasheet
283Kb / 8P
[Old version datasheet]   OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
TIL102 NJSEMI-TIL102 Datasheet
84Kb / 2P
   OPTOCOUPLERS
logo
Texas Instruments
TIL118-1 TI-TIL118-1 Datasheet
223Kb / 4P
[Old version datasheet]   OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Clare, Inc.
LOC112 CLARE-LOC112 Datasheet
139Kb / 6P
   Linear Optocouplers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com