Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4198EUA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4198EUA
Description  Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4198EUA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4198EUA Datasheet HTML 1Page - Maxim Integrated Products MAX4198EUA Datasheet HTML 2Page - Maxim Integrated Products MAX4198EUA Datasheet HTML 3Page - Maxim Integrated Products MAX4198EUA Datasheet HTML 4Page - Maxim Integrated Products MAX4198EUA Datasheet HTML 5Page - Maxim Integrated Products MAX4198EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4198EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4198EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4198EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Micropower, Single-Supply, Rail-to-Rail
Precision Differential Amplifiers
_______________________________________________________________________________________
5
Note 1: The MAX4198EUA and the MAX4199EUA are 100% production tested at +25°C. All temperature limits are guaranteed
by design.
Note 2: Guaranteed by PSR test.
Note 3: When shutdown input is at logic high, the part is active; when at logic low, the part is in shutdown.
ELECTRICAL CHARACTERISTICS—MAX4199 (+5V Supply) (continued)
(VCC = +5V, VEE = 0V, RL = 25kΩ tied to VCC / 2, VREF = VCC / 2, V SHDN = VCC - 1.5V, typical values are at TA = +25°C,
TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
VSHDN = VCC - 2.5V to VCC - 1.5V,
VOUT = 3.5V, settled to within 0.1%
µs
35
tON/OFF
Enable/Disable Settling Time
VOUT = 3.5V, settled to within 0.1%
VSHDN = VCC - 1.5V or VSHDN = VEE
CONDITIONS
µs
800
Power-Up Delay
µA
-0.1
0.1
SHDN Input Bias Current
V
VCC - 2.5
VIL
Input Logic Voltage Low
(Note 3)
V
VCC - 1.5
VIH
Input Logic Voltage High
(Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS—MAX4199 (+3V Supply)
(VCC = +3V, VEE = 0V, RL = 25kΩ tied to VCC / 2, VREF = VCC / 2, V S HDN = VCC - 1.5V, values are at TA = +25°C,
TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
±2
±10
VEE + 0.1V ≤
VOUT ≤ VCC -
0.1V
MAX4199ESA
Guaranteed by CMR test
VCM = VCC / 2,
TA = +25°C
Sink/source
V
RL = 5kΩ, ±10mV input overdrive
VEE - 0.1
VCC - 1.1
RL = 25kΩ, ±10mV input overdrive
6.5
RL = 25kΩ, VEE + 0.1V ≤
VOUT ≤ VCC - 0.1V
VCM = VEE - 0.1
to VCC - 1.1
VCM = VCC / 2, VDIFF = 0
ICC
Supply Current
TA = +25°C,
VCM = VCC / 2
MAX4199ESA
MAX4199EUA
RL = 5kΩ, VEE + 0.2V ≤
VOUT ≤ VCC - 0.2V
µA
42
CONDITIONS
MAX4199EUA
µA
Gain Temperature Coefficient
ppm/°C
±1
±5
ISHDN
Shutdown Supply Current
VCC - 2.5
±0.01
±0.3
%
±0.01
±0.3
mA
±4.5
Short-Circuit Current
VIH
VEE + 0.2
VEE + 0.1 to
to VCC - 0.2
VCC - 0.1
Output Voltage Swing
V
VEE + 0.1 VEE + 0.02 to
to VCC - 0.1 VCC - 0.02
Gain Error
Input Logic High Voltage (Note 3)
V
VCC - 1.5
V
VIL
Input Logic Low Voltage (Note 3)
±600
VIN
Input Voltage Range
±100
±700
±15
±400
dB
84
110
CMRDC
DC Common-Mode Rejection
µV
±1675
VOS
Input Offset Voltage
±0.25
±5
µV/°C
±0.75
±15
TCO
Input Offset Voltage Drift
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX4199ESA
MAX4199EUA
MAX4199ESA
MAX4199EUA
TA = TMIN to TMAX,
VCM = VCC / 2
80
110
MAX4199EUA
MAX4199ESA


Similar Part No. - MAX4198EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4198EUA MAXIM-MAX4198EUA Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4198EUA MAXIM-MAX4198EUA Datasheet
256Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 1; 6/04
More results

Similar Description - MAX4198EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4198 MAXIM-MAX4198_04 Datasheet
256Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 1; 6/04
MAX4198 MAXIM-MAX4198 Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
MAX4194 MAXIM-MAX4194 Datasheet
213Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
logo
Linear Technology
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com