Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4199ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4199ESA
Description  Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4199ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4199ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Micropower, Single-Supply, Rail-to-Rail
Precision Differential Amplifiers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, RL = 25kΩ to VCC / 2, V SHDN = VCC - 1.5V, small-signal VOUT = 100mVp-p, large-signal VOUT = 1Vp-p,
TA = +25°C, unless otherwise noted.)
50
µs/div
MAX4199
SMALL-SIGNAL PULSE RESPONSE
WITH CAPACITIVE LOAD
INPUT
5mV/div
OUTPUT
50mV/div
MAX4198toc19
CL = 590pF
50
µs/div
MAX4199
SMALL-SIGNAL PULSE RESPONSE WITH
EXCESSIVE CAPACITIVE LOAD
INPUT
5mV/div
OUTPUT
50mV/div
MAX4198toc20
CL = 760pF
RISO = 0Ω
50
µs/div
MAX4199
SMALL-SIGNAL PULSE RESPONSE WITH
EXCESSIVE CAPACITIVE LOAD
AND ISOLATION RESISTOR
INPUT
5mV/div
OUTPUT
50mV/div
MAX4198toc21
CL = 760pF
RISO = 75Ω
0
60
40
20
80
120
100
-300 -240
-120
-180
-60
0
120
60
180 240 300
MAX4199 HISTOGRAM
(VOS BASED ON 280 UNITS)
VOS (µV)
0
30
40
20
10
70
60
50
100
90
80
-0.08 -0.06 -0.04 -0.02
0
0.02 0.04 0.06 0.08
MAX4198 HISTOGRAM
(GAIN ACCURACY BASED ON 200 UNITS)
GAIN ERROR (%)
0
40
20
100
80
60
160
140
120
-0.24 -0.18 -0.12 -0.06
0 -0.06 0.12 0.18 0.24
MAX4199 HISTOGRAM
(GAIN ACCURACY BASED ON 280 UNITS)
GAIN ERROR (%)
10
µs/div
MAX4198
TIME EXITING SHUTDOWN
INPUT
(SHDN PIN)
500mV/div
OUTPUT
500mV/div
MAX4198toc22
10
µs/div
MAX4199
TIME EXITING SHUTDOWN
INPUT
(SHDN PIN)
500mV/div
OUTPUT
500mV/div
MAX4198toc23
0
30
20
10
40
60
50
-300 -240
-120
-180
-60
0
120
60
180 240 300
MAX4198 HISTOGRAM
(VOS BASED ON 200 UNITS)
VOS (µV)


Similar Part No. - MAX4199ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4199ESA MAXIM-MAX4199ESA Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4199ESA MAXIM-MAX4199ESA Datasheet
256Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 1; 6/04
More results

Similar Description - MAX4199ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4198 MAXIM-MAX4198_04 Datasheet
256Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 1; 6/04
MAX4198 MAXIM-MAX4198 Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
MAX4194 MAXIM-MAX4194 Datasheet
213Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
logo
Linear Technology
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com